Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU6653NUX Datasheet(PDF) 5 Page - Rohm

No. de pieza BU6653NUX
Descripción Electrónicos  High-speed Load Response Full CMOS LDP Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU6653NUX Datasheet(HTML) 5 Page - Rohm

  BU6653NUX Datasheet HTML 1Page - Rohm BU6653NUX Datasheet HTML 2Page - Rohm BU6653NUX Datasheet HTML 3Page - Rohm BU6653NUX Datasheet HTML 4Page - Rohm BU6653NUX Datasheet HTML 5Page - Rohm BU6653NUX Datasheet HTML 6Page - Rohm BU6653NUX Datasheet HTML 7Page - Rohm BU6653NUX Datasheet HTML 8Page - Rohm BU6653NUX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Technical Note
5/17
BU6650NUX, BU6651NUX, BU6652NUX, BU6653NUX
www.rohm.com
2009.09 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Fig.5 Stability area characteristics (Example)
0.01
0.1
1
10
100
0
50
100
150
200
IOUT [mA]
Stability area
Unstable area
Capacity value of ceramic capacitor - DC bias characteristics
(
Example)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
00.5
1
1.5
22.53
3.54
DC Bias Voltage [V]
10-V withstand voltage
B1characteristics
GRM188B11A105KA61D
10-V withstand voltage
B characteristics
6.3-V withstand voltage
B characteristics
4-V withstand voltage
X6S characteristics
10-V withstand voltage
F characteristics
10-V withstand voltage
F characteristics
Input/Output terminal equivalent circuit schematic
6,7,8pin (VOUT)
5pin (GND)
2,3,4pin (STBY)
1pin (VIN)
VIN
STBY
Fig.3 Input/Output equivalent circuit
About input/output capacitor
It is recommended to place a capacitor as close as possible to the pins
between the input terminal and GND or between the output terminal and
GND.
The capacitor between the input terminal and GND becomes valid when
source impedance increases or when wiring is long. The larger the
capacity of the output capacitor between the output terminal and GND is,
the better the stability and characteristics in output load fluctuation
become. However, please check the status of actual implementation.
Ceramic capacitors generally have variation, temperature characteristics,
and direct current bias characteristics and the capacity value also
decreases with time depending on the usage conditions. It is
recommended to select a ceramic capacitor upon inquiring about
detailed data of the related manufacturer.
About the equivalent series resistance (ESR) of a ceramic capacitor
Capacitors generally have ESR (equivalent series resistance) and it
operates stably in the ESR-IOUT area shown on the right. Since
ceramic capacitors, tantalum capacitors, electrolytic capacitors, etc.
generally have different ESR, please check the ESR of the capacitor
to be used and use it within the stability area range shown in the
right graph for evaluation of the actual application.
VOUT
VIN
Fig.4 Capacity – bias characteristics


Número de pieza similar - BU6653NUX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU6653NUX ROHM-BU6653NUX Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BU6653NUX-TR ROHM-BU6653NUX-TR Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
More results

Descripción similar - BU6653NUX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BUXXTA2WNVX ROHM-BUXXTA2WNVX Datasheet
1Mb / 28P
   High-speed Load Response FULL CMOS LDO Regulators
logo
Asahi Kasei Microsystem...
AK9710 AKM-AK9710 Datasheet
496Kb / 10P
   High Speed Response (~100kHz)
logo
Bellnix Co.,Ltd.
BSV-HE BELLNIX-BSV-HE Datasheet
361Kb / 11P
   HIGH SPEED LOAD RESPONSE, OUTPUT VOLTAGE SETTING ACCURACY짹1% POL DC-DC Converter
logo
COSMO Electronics Corp...
KPC6N137 COSMO-KPC6N137 Datasheet
195Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137H COSMO-KPC6N137H Datasheet
147Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137S COSMO-KPC6N137S Datasheet
148Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410_12 Datasheet
135Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410 Datasheet
118Kb / 7P
   Super High Speed Response Photocoupler
logo
Advanced Power Electron...
APE8939 A-POWER-APE8939 Datasheet
848Kb / 10P
   FAST RESPONSE, 6A LOAD SWITCH
logo
Toshiba Semiconductor
TCR2EF TOSHIBA-TCR2EF Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com