Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7251G Datasheet(PDF) 8 Page - Rohm

No. de pieza BU7251G
Descripción Electrónicos  Comparators: Low Voltage CMOS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7251G Datasheet(HTML) 8 Page - Rohm

Back Button BU7251G Datasheet HTML 4Page - Rohm BU7251G Datasheet HTML 5Page - Rohm BU7251G Datasheet HTML 6Page - Rohm BU7251G Datasheet HTML 7Page - Rohm BU7251G Datasheet HTML 8Page - Rohm BU7251G Datasheet HTML 9Page - Rohm BU7251G Datasheet HTML 10Page - Rohm BU7251G Datasheet HTML 11Page - Rohm BU7251G Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Technical Note
BU7251G,BU7251SG, BU7231G,BU7231SG,
BU7252F/FVM,BU7252S F/FVM,BU7232F/FVM,BU7232S F/FVM
8/18
2
4
6
8
10
12
-60
-30
0
30
60
90
120
AM BIENT TEMPERATURE [℃]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [℃]
BU7231 series
(*) The above date is ability value of sample, it is not guaranteed. BU7231G:-40[℃] to+85[℃] BU7231SG:-40[℃] to+105[℃]
0
2
4
6
8
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
Output Voltage High – Ambient
Temperature
(RL=10[kΩ])
0
10
20
30
40
50
02
46
8
SUPPLY VOLTAGE [V]
0
4
8
12
16
20
1
2345
6
SUPPLY VOLTAGE [V]
Supply Current – Supply Voltage
-40℃
25℃
85℃
105℃
BU7231 family
0
200
400
600
800
050
100
150
AMBIENT TEMPERATURE [℃]
BU7231SG
BU7231 family
Derating Curve
1.8V
5.5V
3.0V
Supply Current – Ambient Temperature
BU7231 family
0
10
20
30
40
50
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
Output Voltage Low – Ambient Temperature
(RL=10[kΩ])
1.8V
5.5V
3.0V
BU7231 family
0
1
2
3
4
5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
Output Source Current – Ambient Temperature
(VOUT=VDD-0.4[V])
BU7231 family
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7231 family
Output Sink Current – Output Voltage
(VDD=3[V])
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7231 family
Output Sink Current – Ambient Temperature
(VOUT=VSS+0.4[V])
BU7231 family
-40℃
25℃
85℃
105℃
Output Voltage Low – Supply Voltage
(RL=10[kΩ])
0
2
4
6
12
34
56
SUPPLY VOLTAGE [V]
BU7231 family
-40℃
25℃
85℃
105℃
Output Voltage – Supply Voltage
(RL=10[kΩ])
BU7231G
BU7231 family
Derating Curve
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
OUTPUT VOLTAGE [V]
Output Source Current – Output Voltage
(VDD=3[V])
BU7231 family
-40℃
25℃
85℃
105℃
BU7231 family
5.5V
3.0V
1.8V
85
105
Fig. 45
Fig. 46
Fig. 47
Fig. 48
Fig. 49
Fig. 50
Fig. 51
Fig. 52
Fig. 53
Fig. 54
Fig. 55
Fig. 56


Número de pieza similar - BU7251G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7251G-E2 ROHM-BU7251G-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7251G-TR ROHM-BU7251G-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
More results

Descripción similar - BU7251G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS372C STMICROELECTRONICS-TS372C Datasheet
51Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATORS
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
   Micropower dual CMOS voltage comparators
February 2015 Rev 2
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
   Micropower dual CMOS voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com