Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7262SF Datasheet(PDF) 3 Page - Rohm

No. de pieza BU7262SF
Descripción Electrónicos  Low Voltage Operation CMOS Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7262SF Datasheet(HTML) 3 Page - Rohm

  BU7262SF Datasheet HTML 1Page - Rohm BU7262SF Datasheet HTML 2Page - Rohm BU7262SF Datasheet HTML 3Page - Rohm BU7262SF Datasheet HTML 4Page - Rohm BU7262SF Datasheet HTML 5Page - Rohm BU7262SF Datasheet HTML 6Page - Rohm BU7262SF Datasheet HTML 7Page - Rohm BU7262SF Datasheet HTML 8Page - Rohm BU7262SF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
BU7261G,BU7261SG,BU7241G,BU7241SG,BU7262F/FVM,BU7262SF/FVM,BU7242F/FVM,BU7242SF/FVM
BU7461G,BU7461SG,BU7441G,BU7441SG,BU7462F/FVM,BU7462SF/FVM,BU7442F/FVM,BU7442SF/FVM
Technical Note
3/32
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Input-Output Full Swing
BU7261G, BU7261SG, BU7241G, BU7241SG
BU7262F/FVM, BU7262S F/FVM, BU7242F/FVM, BU7242S F/FVM
Features
1) Operable low power supply +1.8[V]~+5.5[V]
2) +1.8 [V]~+5.5[V](single supply)
±0.9[V]~±2.75[V](split supply)
3) Operable input-Output full swing
4) High slew rate (BU7261 family , BU7262 family)
5) Low supply current (BU7241 family , BU7242 family)
6) Wide temperature range
-40[℃]~+85[℃]
(BU7261G,BU7262 family , BU7241G,BU7242 family)
-40[℃]~+105[℃]
(BU7261SG,BU7262S family,BU7241SG,BU7242S family)
Electrical characteristics
BU7261 family , BU7262 family (Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BU7261G,BU7261SG
Min.
Typ.
Max.
Input Offset Voltage
(*2)(*3)
Vio
25℃
-
1
9
mV
VDD=1.8~5.5[V],
VOUT=VDD/2
Full range
-
-
10
Input Offset Current
(*2)
Iio
25℃
-
1
-
pA
-
Input Bias Current
(*2)
Ib
25℃
-
1
-
pA
-
Supply Current
(*4)
IDD
25℃
-
250
550
μA
RL=∞ All Op-Amps
AV=0[dB],VIN=1.5[V]
Full range
-
-
600
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[kΩ]
Large Single Voltage Gain
AV
25℃
70
95
-
dB
RL=10[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
0
-
3
V
VDD-VSS=3[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(*4)
IOH
25℃
4
10
-
mA
VDD-0.4[V]
Output Sink Current
(*4)
IOL
25℃
5
12
-
mA
VSS+0.4[V]
Slew Rate
SR
25℃
-
1.1
-
V/μs
CL=25[pF]
Gain Bandwidth Product
FT
25℃
-
2
-
MHz
CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
50°
-
-
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
-
0.05
-
%
VOUT=1[Vp-p],f=1[kHz]
Channel Separation
CS
25℃
-
-
-
dB
Av=40[dB]
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BU7262 F/FVM
BU7262S F/FVM
Min.
Typ.
Max.
Input Offset Voltage
(*2)(*3)
Vio
25℃
-
1
9
mV
VDD=1.8~5.5[V],
VOUT=VDD/2
Full range
-
-
10
Input Offset Current
(*2)
Iio
25℃
-
1
-
pA
-
Input Bias Current
(*2)
Ib
25℃
-
1
-
pA
-
Supply Current
(*4)
IDD
25℃
-
550
1100
μA
RL=∞ All Op-Amps
AV=0[dB],VIN=1.5[V]
Full range
-
-
1200
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[kΩ]
Large Single Voltage Gain
AV
25℃
70
95
-
dB
RL=10[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
0
-
3
V
VDD-VSS=3[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(*4)
IOH
25℃
4
10
-
mA
VDD-0.4[V]
Output Sink Current
(*4)
IOL
25℃
5
12
-
mA
VSS+0.4[V]
Slew Rate
SR
25℃
-
1.1
-
V/μs
CL=25[pF]
Gain Bandwidth Product
FT
25℃
-
2
-
MHz
CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
50°
-
-
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
-
0.05
-
%
VOUT=1[Vp-p],f=1[kHz]
Channel Separation
CS
25℃
-
100
-
dB
Av=40[dB]
(*2)
Absolute value
(*3)
Full range: BU7261, BU7262:Ta=-40[℃] to +85[℃] BU7261S, BU7262S:Ta=-40[℃] to +105[℃]
(*4)
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Número de pieza similar - BU7262SF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7262SF ROHM-BU7262SF Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7262SF ROHM-BU7262SF Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262SF ROHM-BU7262SF Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7262SF-E2 ROHM-BU7262SF-E2 Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262SF-E2 ROHM-BU7262SF-E2 Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
More results

Descripción similar - BU7262SF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Renesas Technology Corp
HA1630Q01 RENESAS-HA1630Q01_15 Datasheet
491Kb / 26P
   Low Voltage Operation CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com