Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU16027KV Datasheet(PDF) 1 Page - Rohm

No. de pieza BU16027KV
Descripción Electrónicos  3 for input 1 output switch with Termination sense correspondence
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU16027KV Datasheet(HTML) 1 Page - Rohm

  BU16027KV Datasheet HTML 1Page - Rohm BU16027KV Datasheet HTML 2Page - Rohm BU16027KV Datasheet HTML 3Page - Rohm BU16027KV Datasheet HTML 4Page - Rohm BU16027KV Datasheet HTML 5Page - Rohm BU16027KV Datasheet HTML 6Page - Rohm BU16027KV Datasheet HTML 7Page - Rohm BU16027KV Datasheet HTML 8Page - Rohm BU16027KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/19
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
HDMI Switch ICs
3 for input 1 output switch with
Termination sense
correspondence
(Sync with HPD_SINK)
BU16018KV
●Description
BU16018KV is 3 for input 1 output HDMI/DVI switch LSI. Each port supports 2.25Gbps. (HDMI 1.3a).
This device control is simple. It requires only 3.3V source and a few GPIO controls.
Terminated resistors(50
Ω) are integrated at each input port. When channel is not selected, termination resistors are turned
off. TMDS inputs are high impedance.
This device is integrated equalization function and DDC buffer function, so It can adapt long cable.
●Features
1) Supports 2.25 Gbps signaling rate for 480i/p, 720i/p, and 1080i/p resolution to 12-bit color depth
2) Compatible with HDMI 1.3a
3) Each port supports HDMI or DVI inputs
4) 5V tolerance to all DDC and HPD_SINK inputs
5) Integrated DDC buffer
6) Integrated switchable 50Ωreceiver termination
7) Integrated equalizer circuit to adapt long cable
8) High impedance outputs when disabled
9) HBM ESD Protection exceeds 10kV
10) 3.3V supply operation
11) VQFP80 package
12) ROHS compatible
●Applications
Digital TV, DVD Player, Set-Top-Box, Audio Video Receiver, Digital Projector, DVI or HDMI Switch Box
●Line up matrix
Part No.
Power
Supply
(V)
ESD
(KV)
Input
(ch)
Output
(ch)
Data rate
(Gbps)
Hot
Plug
Control
Termination
Sense
Correspondence
Switching
Method
DDC
Buffer
Equalizer
De emphasis
Package
RoHS
BU16020KV
3 to 3.6
10
HDMI
4ch
HDMI 1ch
2.7
Yes
Yes
GPIO/I
2C
Yes
Yes
(adaptive)
Yes
VQFP100
Yes
BU16018KV
3 to 3.6
10
HDMI
3ch
HDMI 1ch
2.25
Yes
Yes
GPIO
Yes
Yes
Yes
VQFP80
Yes
BU16027KV
3 to 3.6
10
HDMI
3ch
HDMI 1ch
2.25
Yes
Yes
GPIO
Yes
Yes
Yes
(Always ON)
VQFP64
Yes
BU16006KV
3 to 3.6
10
HDMI
2ch
HDMI 1ch
2.25
Yes
Yes
GPIO
Yes
Yes
Yes
(Always ON)
VQFP64
Yes
BU16024KV
3 to 3.6
10
HDMI
1ch
HDMI 1ch
2.25
Yes
Yes
-
Yes
Yes
Yes
VQFP48C
Yes
No.09063EDT02


Número de pieza similar - BU16027KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU16027KV ROHM-BU16027KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16027KV ROHM-BU16027KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16027KV ROHM-BU16027KV Datasheet
557Kb / 20P
   HDMI Switch ICs
BU16027KV-E2 ROHM-BU16027KV-E2 Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

Descripción similar - BU16027KV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Adels-Contact
979V43T5 ADELS-979V43T5 Datasheet
123Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
979V43T3 ADELS-979V43T3 Datasheet
124Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
979V43T2 ADELS-979V43T2 Datasheet
123Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com