Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU29TA2WNVX-TR Datasheet(PDF) 11 Page - Rohm

No. de pieza BU29TA2WNVX-TR
Descripción Electrónicos  High-speed Load Response FULL CMOS LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU29TA2WNVX-TR Datasheet(HTML) 11 Page - Rohm

Back Button BU29TA2WNVX-TR Datasheet HTML 7Page - Rohm BU29TA2WNVX-TR Datasheet HTML 8Page - Rohm BU29TA2WNVX-TR Datasheet HTML 9Page - Rohm BU29TA2WNVX-TR Datasheet HTML 10Page - Rohm BU29TA2WNVX-TR Datasheet HTML 11Page - Rohm BU29TA2WNVX-TR Datasheet HTML 12Page - Rohm BU29TA2WNVX-TR Datasheet HTML 13Page - Rohm BU29TA2WNVX-TR Datasheet HTML 14Page - Rohm BU29TA2WNVX-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Technical Note
11/27
BU
TA2WNVX Series, BUTA2WHFV Series
www.rohm.com
2009.05 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Fig. 63 Output Voltage
Fig. 64 Line Regulation
Fig. 72 VOUT vs Temp
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN=0.98*VOUT
STBY=1.5V
Temp.=-40°C
Temp.=25°C
Temp.=85°C
●Reference data
BU25TA2WNVX / HFV (Unless otherwise specified, Ta=25℃)
Fig. 65 Circuit Current IGND
Fig. 67 STBY Input Current
Fig. 68 IOUT - IGND
Fig. 74 IGND vs Temp (STBY)
Fig. 73 IGND vs Temp
Fig. 69 Load Regulation
Fig. 71 STBY Threshold
Fig. 70 OCP Threshold
Fig. 66 Dropout Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
00.511.52
2.533.544.555.5
Vin Voltage (V)
IO=0uA
IO=100uA
IO=50mA
IO=200mA
Temp.=25°C
VIN=STBY
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
2.4
2.5
2.6
2.7
2.8
2.9
3
Vin Voltage (V)
IO=0uA
IO=100uA
IO=50mA
IO=200mA
Temp.=25°C
VIN=STBY
0
20
40
60
80
100
00.51
1.522.533.54
4.555.5
Vin Voltage (V)
Temp.=-40°C
Temp.=25°C
Temp.=85°C
IO=0uA
VIN=STBY
0
2
4
6
8
10
0
0.51
1.522.533.5
4
4.555.5
STBY Voltage (V)
Temp.=85°C
Temp.=25°C
Temp.=-40°C
40
50
60
70
80
90
100
110
120
0
0.05
0.1
0.15
0.2
Output Current (A)
Temp.=85°C
Temp.=25°C
Temp.=-40°C
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current (A)
VIN=5.5V
VIN=3.5V
VIN=3.0V
Temp.=25°C
STBY=1.5V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
00.5
11.5
STBY Voltage (V)
Temp.=85°C
Temp.=25°C
Temp.=-40°C
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
-40
-15
10
35
60
85
Temp. (°C)
VIN=3.5V
STBY=1.5V
Io=0.1mA
0.00
10.00
20.00
30.00
40.00
50.00
-40
-15
10
35
60
85
Temp. (°C)
VIN=3.5V
STBY=1.5V
Io=0mA
-0.100
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
1.000
-40
-15
10
35
60
85
Temp. (°C)
VIN=3.5V
STBY=0V
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN=3.5V
STBY=1.5V
Temp.=-40°C
Temp.=25°C
Temp.=85°C


Número de pieza similar - BU29TA2WNVX-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU29TA2WNVX ROHM-BU29TA2WNVX Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
More results

Descripción similar - BU29TA2WNVX-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU665XNUX ROHM-BU665XNUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com