Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

1N4148W Datasheet(PDF) 3 Page - Won-Top Electronics

No. de Pieza. 1N4148W
Descripción  SURFACE MOUNT FAST SWITCHING DIODE
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo 

1N4148W Datasheet(HTML) 3 Page - Won-Top Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N4148W
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
1N4148W-T1
SOD-123
3000/Tape & Reel
1N4148W-T3
SOD-123
10000/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.04
(1.02)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.055
(1.40)
0.094
(2.40)


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
1N4448WFAST SWITCHING SURFACE MOUNT DIODE 1 2 Transys Electronics
BAS19WSSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Won-Top Electronics
1N4148WSSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Won-Top Electronics
CDSV5-4448C2Surface Mount Fast Switching Diode Array 1 2 Comchip Technology
1N4150WSURFACE MOUNT FAST SWITCHING DIODE 1 2 Won-Top Electronics
1N4148WTSURFACE MOUNT FAST SWITCHING DIODE 1 2 Diodes Incorporated
1N4448WSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Won-Top Electronics
LS4148SURFACE MOUNT FAST SWITCHING DIODE 1 2 Diodes Incorporated
1N4448HWTSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
1N4448WSSURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Won-Top Electronics

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn