Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4006G Datasheet(PDF) 3 Page - Won-Top Electronics

No. de pieza 1N4006G
Descripción Electrónicos  1.0A GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4006G Datasheet(HTML) 3 Page - Won-Top Electronics

  1N4006G Datasheet HTML 1Page - Won-Top Electronics 1N4006G Datasheet HTML 2Page - Won-Top Electronics 1N4006G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N4001G – 1N4007G
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
1N4001G-T3
DO-41
5000/Tape & Reel
1N4001G-TB
DO-41
5000/Tape & Box
1N4001G
DO-41
1000 Units/Box
1N4002G-T3
DO-41
5000/Tape & Reel
1N4002G-TB
DO-41
5000/Tape & Box
1N4002G
DO-41
1000 Units/Box
1N4003G-T3
DO-41
5000/Tape & Reel
1N4003G-TB
DO-41
5000/Tape & Box
1N4003G
DO-41
1000 Units/Box
1N4004G-T3
DO-41
5000/Tape & Reel
1N4004G-TB
DO-41
5000/Tape & Box
1N4004G
DO-41
1000 Units/Box
1N4005G-T3
DO-41
5000/Tape & Reel
1N4005G-TB
DO-41
5000/Tape & Box
1N4005G
DO-41
1000 Units/Box
1N4006G-T3
DO-41
5000/Tape & Reel
1N4006G-TB
DO-41
5000/Tape & Box
1N4006G
DO-41
1000 Units/Box
1N4007G-T3
DO-41
5000/Tape & Reel
1N4007G-TB
DO-41
5000/Tape & Box
1N4007G
DO-41
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Número de pieza similar - 1N4006G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gulf Semiconductor
1N4006G GULFSEMI-1N4006G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
NXP Semiconductors
1N4006G PHILIPS-1N4006G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4006G CHENDA-1N4006G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Leshan Radio Company
1N4006G LRC-1N4006G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
logo
List of Unclassifed Man...
1N4006G ETC-1N4006G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

Descripción similar - 1N4006G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
D1G DIODES-D1G Datasheet
59Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. A-2
1N4001G DIODES-1N4001G Datasheet
60Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. D-2
D1G DIODES-D1G_1 Datasheet
350Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. 3 - 2
1N4001G DIODES-1N4001G_2 Datasheet
62Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 7 - 2
logo
TAITRON Components Inco...
RL101G TAITRON-RL101G Datasheet
188Kb / 5P
   1.0A Glass Passivated Rectifier
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_12 Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
1A1G ZSELEC-1A1G Datasheet
91Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_1 Datasheet
84Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 6 - 2
logo
Zibo Seno Electronic En...
1N4001G ZSELEC-1N4001G Datasheet
115Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_15 Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com