Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6862LTY Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FAN6862LTY
Descripción Electrónicos  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862LTY Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN6862LTY Datasheet HTML 1Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862R/L • Rev. 1.0.0
5
Electrical Characteristics
VDD = 15V and TA = 25°C unless otherwise noted.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD Section
VDD-OP
Continuously Operating Voltage
24
V
VDD-ON
Turn-On Threshold Voltage
15
16
17
V
VDD-OFF
Turn-Off Voltage
7.5
8.5
9.5
V
VDD-OVP
VDD Over-Voltage Protection (Latch-Off)
24
25
26
V
VDD-LH
Threshold Voltage for Latch-Off Release
3
4
5
V
IDD-ST
Startup Current
VDD-ON–0.16V
8
30
μA
IDD-OP
Normal Operating Supply Current
CL=1nF
3
4
mA
IDD-BM
Green-Mode Operating Supply Current
GATE Open,
VFB=VFB-G
2.5
mA
VDD-OVP
VDD Over-Voltage Protection
24
25
26
V
tD-VDDOVP
VDD OVP Debounce Time
30
50
μs
IDD-LH
Latch-Off Holding Current
VDD=5V
40
65
μA
Feedback Input Section
AV
Input-Voltage to Current-Sense Attenuation
1/4.0
1/3.5
1/3.0
V/V
ZFB
Input Impedance
5.5
kΩ
VFB-OPEN
FB Pin Open Voltage
5.0
5.2
5.4
V
VFB-OLP
Threshold Voltage for Open-Loop Protection
4.3
4.6
4.9
V
tD-OLP
Open-Loop Protection Delay Time
53
56
60
ms
Current Sense Section
tPD
Delay to Output
100
250
ns
tLEB
Leading-Edge Blanking Time
270
360
ns
VSTHFL
Flat Threshold Voltage for Current Limit
Duty>51%
0.5
V
VSTHVA
Valley Threshold Voltage for Current Limit
Duty=0%
0.44
V
VSLOPE
Slope Compensation
Duty=DCYMAX
0.273
V
tSOFT-START
Period During Startup Time
5
ms
Oscillator Section
fOSC
Normal PWM Frequency
Center Frequency
VFB>VFB-N
62
65
68
kHz
Hopping Range
VFB≥VFB-N
±
4.2
Hopping Range
VFB=VFB-G
±
2.9
thop-1
Hopping Period 1
VFB≥VFB-N
4.4
ms
thop-3
Hopping Period 3
VFB=VFB-G
11.5
ms
fOSC-G
Green Mode Minimum Frequency
22.5
kHz
VFB-N
FB Threshold Voltage For Frequency
Reduction
2.5
V
VFB-G
FB Voltage at fOSC-G
2.1
V
VFB-ZDC
FB Threshold Voltage for Zero Duty
1.7
V
fDV
Frequency Variation vs. VDD Deviation
VDD=11.5V to 20V
0
0.02
2.00
%
fDT
Frequency Variation vs. Temperature
Deviation
TA= -40 to +105°C
2
%
Continued on the following page…


Número de pieza similar - FAN6862LTY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862 FAIRCHILD-FAN6862 Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862NY FAIRCHILD-FAN6862NY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862TY FAIRCHILD-FAN6862TY Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862TY FAIRCHILD-FAN6862TY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Descripción similar - FAN6862LTY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com