Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS8984 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDS8984
Descripción Electrónicos  N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8984 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS8984_10 Datasheet HTML 1Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 2Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 3Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 4Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 5Page - Fairchild Semiconductor FDS8984_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDS8984_F085 Rev. A
www.fairchildsemi.com
4
Figure 7. Gate Charge Characteri
02
46
8
10
0
2
4
6
8
10
VDD = 20V
VDD = 10V
Qg, GATE CHARGE(nC)
VDD = 15V
stics
Figure 8. Capacitance vs Drain to Source Voltage
0.1
1
10
100
200
300
400
500
600
700
C
RSS
C
OSS
C
ISS
f = 1MHz
V
GS = 0V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
30
Figure 9. Unclamped Inductive Switching
Capability
0.01
0.1
1
10
1
10
20
STARTING T
J = 125
OC
STARTING T
J = 25
OC
t
AV, TIME IN AVALANCHE (mS)
20
Figure 10. Maximum Continuous Drain Current vs
Ambient Temperature
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
V
GS=4.5V
V
GS=10V
T
A, AMBIENT TEMPERATURE (
oC)
Figure 11. Forward Bias Safe Operating Area
0.1
1
10
100
0.01
0.1
1
10
100
DC
1s
100ms
10ms
1ms
100us
10us
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TA = 25oC
Figure 12. Single Pulse Maximum Power
Dissipation
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
1000
VGS=10V
SINGLE PULSE
t, PULSE WIDTH (s)
3000
TA = 25oC
I = I25
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
150 TA
125
------------------------
Typical Characteristics T
J = 25°C unless otherwise noted


Número de pieza similar - FDS8984_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
VBsemi Electronics Co.,...
FDS8984-NL VBSEMI-FDS8984-NL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS8984F085 FAIRCHILD-FDS8984F085 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_07 Datasheet
378Kb / 6P
   N-Channel PowerTrench짰 MOSFET
More results

Descripción similar - FDS8984_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com