Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS9431A Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDS9431A
Descripción Electrónicos  P-Channel 2.5V Specified MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9431A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS9431A_10 Datasheet HTML 1Page - Fairchild Semiconductor FDS9431A_10 Datasheet HTML 2Page - Fairchild Semiconductor FDS9431A_10 Datasheet HTML 3Page - Fairchild Semiconductor FDS9431A_10 Datasheet HTML 4Page - Fairchild Semiconductor FDS9431A_10 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250
mA
-20
V
DBVDSS
DTJ
Breakdown Voltage Temperature
Coefficient
ID = -250
mA,Referenced to 25°C
-28
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = -16 V, VGS = 0 V
-1
mA
IGSSF
Gate-Body Leakage Current,
Forward
VGS = 8 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current,
Reverse
VGS = -8 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250
mA
-0.4
-0.6
-1
V
DVGS(th)
DTJ
Gate Threshold Voltage
Temperature Coefficient
ID = -250
mA,Referenced to 25°C
2
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = -4.5 V, ID = -3.5 A
VGS = -2.5 V, ID = -3.0 A
VGS = -4.5 V, ID = -3.5 A
TJ=125
°C
0.110
0.140
0.155
0.130
0.180
0.220
W
W
W
ID(on)
On-State Drain Current
VGS = -4.5 V, VDS =-5 V
-10
A
gFS
Forward Transconductance
VDS = -5 V, ID = -3.5 A
6.5
S
Dynamic Characteristics
Ciss
Input Capacitance
405
pF
Coss
Output Capacitance
170
pF
Crss
Reverse Transfer Capacitance
VDS = -10 V, VGS = 0 V,
f = 1.0 MHz
45
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
6.5
13
ns
tr
Turn-On Rise Time
20
35
ns
td(off)
Turn-Off Delay Time
31
50
ns
tf
Turn-Off Fall Time
VDD = -5 V, ID = -1 A,
VGS = -4.5 V, RGEN = 6
W
21
35
ns
Qg
Total Gate Charge
6
8.5
nC
Qgs
Gate-Source Charge
0.8
nC
Qgd
Gate-Drain Charge
VDS = -5 V, ID = -3.5 A,
VGS = -4.5 V
1.3
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
-2.1
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = -2.1 A (Note 2)
-0.7
-1.2
V
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2: Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
a) 50
° C/W when
mounted on a 1 in2
pad of 2 oz. copper.
b) 105
° C/W when
mounted on a 0.04 in2
pad of 2 oz. copper.
c) 125
° C/W on a minimum
mounting pad.
FDS9431A
_F085 Rev. A
www.fairchildsemi.com
2


Número de pieza similar - FDS9431A_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS9431A FAIRCHILD-FDS9431A Datasheet
204Kb / 8P
   P-Channel 2.5V Specified MOSFET
More results

Descripción similar - FDS9431A_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS9431A FAIRCHILD-FDS9431A Datasheet
204Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com