Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5401-TB Datasheet(PDF) 2 Page - Won-Top Electronics

No. de pieza 1N5401-TB
Descripción Electrónicos  3.0A SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N5401-TB Datasheet(HTML) 2 Page - Won-Top Electronics

  1N5401-TB Datasheet HTML 1Page - Won-Top Electronics 1N5401-TB Datasheet HTML 2Page - Won-Top Electronics 1N5401-TB Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N5400 – 1N5408
2 of 3
© 2002 Won-Top Electronics
0
1.0
2.0
3.0
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
A
4.0
25
50
75
100
125
150
175
200
0.2
1.0
10
100
200
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T= 25ºC
j
1.0
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Surge Current
10
100
200
Tj = 25°C
Pulse width = 300µs
1.0
10
100
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f = 1MHz
T = 25ºC
j


Número de pieza similar - 1N5401-TB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
1N5401-TB WTE-1N5401-TB Datasheet
48Kb / 4P
   3.0A STANDARD DIODE
More results

Descripción similar - 1N5401-TB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
1N5400 ZSELEC-1N5400 Datasheet
114Kb / 2P
   3.0A SILICON RECTIFIER
logo
TAITRON Components Inco...
TB305 TAITRON-TB305 Datasheet
174Kb / 4P
   3.0A Single-Phase Silicon Bridge Rectifier
logo
List of Unclassifed Man...
TB305 ETC2-TB305 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Comchip Technology
1N5400 COMCHIP-1N5400 Datasheet
61Kb / 2P
   3.0A Rectifier
logo
Diodes Incorporated
1N5400 DIODES-1N5400_15 Datasheet
63Kb / 3P
   3.0A RECTIFIER
1N5400 DIODES-1N5400 Datasheet
62Kb / 2P
   3.0A RECTIFIER
DS28007 Rev. E-2
1N5400 DIODES-1N5400_1 Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
logo
New Jersey Semi-Conduct...
1N5400 NJSEMI-1N5400 Datasheet
86Kb / 1P
   3.0A RECTIFIER
logo
Diodes Incorporated
1N5400 DIODES-1N5400_14 Datasheet
102Kb / 3P
   3.0A RECTIFIER
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813_12 Datasheet
410Kb / 6P
   30V, 3.0A Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com