Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2365FV Datasheet(PDF) 3 Page - Rohm

No. de pieza BU2365FV
Descripción Electrónicos  Clock Generator with Built-in VCXO for Audio/Video Equipments
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2365FV Datasheet(HTML) 3 Page - Rohm

  BU2365FV Datasheet HTML 1Page - Rohm BU2365FV Datasheet HTML 2Page - Rohm BU2365FV Datasheet HTML 3Page - Rohm BU2365FV Datasheet HTML 4Page - Rohm BU2365FV Datasheet HTML 5Page - Rohm BU2365FV Datasheet HTML 6Page - Rohm BU2365FV Datasheet HTML 7Page - Rohm BU2365FV Datasheet HTML 8Page - Rohm BU2365FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/16
1 Period-Jitter 1σ
This parameter represents standard deviation (=1σ) on cycle distribution data at the time when the output clock cycles are
sampled 1000 times consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
2 Period-Jitter MIN-MAX
This parameter represents a maximum distribution width on cycle distribution data at the time when the output clock cycles are
sampled 1000 times consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
3 Output Lock-Time
This parameter represents elapsed time after power supply turns ON to reach a voltage of 3.0 V, after the system is switched from
Power-Down state to normal operation state, or after the output frequency is switched, until it is stabilized at a specified frequency,
respectively.
4 Frequency stability
f0 : This parameter means an optimum frequency at T=25℃(27.000000 MHz), which represents a value of a single piece of IC.
Since no consideration is given to the stability of the crystal oscillator, it should be separately studied according to the system in
use.
5 Frequency sensitivity/Frequency sensitivity linearity
These parameters represents that the frequency falls within the area shown in Fig. 2 in the control circuit of control voltage shown
in Fig. 1. It shows the value of IC itself. Since no consideration is given to the stability of the crystal oscillator, it should be
separately studied according to the system in use.
Common – Recommended crystal oscillators
The electrical characteristics shown above have been all evaluated with the use of the crystal oscillator NX5032GA (Spec. No.
EXS00A-00278) manufactured by NIHON DEMPA KOGYO CO., LTD., under the conditions of Limiting resistance Rd=30Ωand
Crystal oscillator load CL=10pF. Consequently, in order to use the BU2365FV, the said crystal oscillator is recommended.
Fig.1 Control Circuit of Control Voltage
Frequency sensitivity dispersion range: fL = -45±15ppm, fC = 0±15ppm, fH = 45±15ppm
However, frequency sensitivity linearity: -10ppm≦(fH - fC) -( fC - fL) ≦+10ppm
Fig. 2 Frequency Sensitivity Dispersion Range
6 Buffer skew
This parameter is only functional when the BUF_OUT1 and the BUF_OUT2 are driven at the same load capacitance.
Δf/f0
Hi-Z
L
H
0ppm
+60ppm
60ppm
+15ppm
15ppm
Vc
+30ppm
30ppm
+45ppm
45ppm
fH
fC
fL
R2
Vc
BU2365FV
R1:R2=1:0.875
R1
R1
10Pin:VCTRL
9Pin:VDD_V
Δf/f0


Número de pieza similar - BU2365FV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
More results

Descripción similar - BU2365FV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
BU2280FV ROHM-BU2280FV_08 Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
BU3087FV-E ROHM-BU3087FV-E Datasheet
728Kb / 26P
   Built in VCXO,Spread-Spectrum Clock Generator
BU3087FV ROHM-BU3087FV Datasheet
731Kb / 26P
   Built in VCXO, Spread-Spectrum Clock Generator
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
logo
Rohm
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com