Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4030BF-E2 Datasheet(PDF) 7 Page - Rohm

No. de pieza BU4030BF-E2
Descripción Electrónicos  High Voltage CMOS Logic ICs Gate>
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4030BF-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BU4030BF-E2 Datasheet HTML 3Page - Rohm BU4030BF-E2 Datasheet HTML 4Page - Rohm BU4030BF-E2 Datasheet HTML 5Page - Rohm BU4030BF-E2 Datasheet HTML 6Page - Rohm BU4030BF-E2 Datasheet HTML 7Page - Rohm BU4030BF-E2 Datasheet HTML 8Page - Rohm BU4030BF-E2 Datasheet HTML 9Page - Rohm BU4030BF-E2 Datasheet HTML 10Page - Rohm BU4030BF-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F,
BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
7 / 21
6
Electrical Characteristics(BU4093B)(Unless otherwise noted, VSS=0V, Ta=25℃, CL=50pF)
Parameter
Symbol
Standard Value
Unit
Condition
Fig.No
MIN
TYP
MAX
VDD[V]
Input “H” voltage
VIH
3.5
V
5
37
7.0
10
38
11.0
15
39
Input “L” voltage
VIL
1.5
V
5
37
3.0
10
38
4.0
15
39
Input “H” current
IIH
0.3
μA
15
VIH=15[V]
Input “L” current
IIL
-0.3
μA
15
VIL=0[V]
Output “H” voltage
VOH
4.95
V
5
IO=0[mA]
37
9.95
10
38
14.95
15
39
Output “L” voltage
VOL
0.05
V
5
IO=0[mA]
37
0.05
10
38
0.05
15
39
Output “H” current
IOH
-0.44
mA
5
VOH=4.6[V]
40
-1.1
10
VOH=9.5[V]
-3.0
15
VOH=13.5[V]
Output “L” current
IOL
0.44
mA
5
VOL=0.4[V]
41
1.1
10
VOL=0.5[V]
3.0
15
VOL=1.5[V]
Static supply current
IDD
1
μA
5
VI=VDD or GND
2
10
4
15
Hysteresis voltage
VH
0.17
0.39
μA
5
0.25
0.60
10
0.33
0.90
15
Parameter
Symbol
Standard Value
Unit
Condition
Fig.No
MIN
TYP
MAX
VDD[V]
Output rising time
tTLH
100
ns
5
42
50
10
40
15
Output falling time
tTHL
100
ns
5
43
50
10
40
15
“L” to ”H”
Propagation delay time
tPLH
125
ns
5
44
50
10
40
15
“H” to ”L”
Propagation delay time
tPHL
125
ns
5
45
50
10
40
15
Input capacitance
CIN
5
pF


Número de pieza similar - BU4030BF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4030BF-E2 ROHM-BU4030BF-E2 Datasheet
585Kb / 16P
   Quad 2-Input Exclusive-OR Gate
More results

Descripción similar - BU4030BF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com