Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4344 Datasheet(PDF) 6 Page - Rohm

No. de pieza BU4344
Descripción Electrónicos  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4344 Datasheet(HTML) 6 Page - Rohm

Back Button BU4344 Datasheet HTML 2Page - Rohm BU4344 Datasheet HTML 3Page - Rohm BU4344 Datasheet HTML 4Page - Rohm BU4344 Datasheet HTML 5Page - Rohm BU4344 Datasheet HTML 6Page - Rohm BU4344 Datasheet HTML 7Page - Rohm BU4344 Datasheet HTML 8Page - Rohm BU4344 Datasheet HTML 9Page - Rohm BU4344 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Technical Note
6/11
BU42□□G series, BU42□□F series, BU42□□FVE series,
BU43□□G series, BU43□□F series, BU43□□FVE series
www.rohm.com
2009.11 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Circuit Applications
1) Examples of a common power supply detection reset circuit
Application examples of BU42□□G/F/FVE series
(Open Drain output type) and BU43□□G/F/FVE series
(CMOS output type) are shown below.
CASE1:The power supply of the microcontroller (Vdd2)
differs from the power supply of the reset detection
(Vdd1).
Use the Open Drain Output Type (BU42□□G/FVE)
attached a load resistance (RL) between the output and
Vdd2. (As shown Fig.18)
CASE2:The power supply of the microcontroller (Vdd1) is
same as the power supply of the reset detection (Vdd1).
Use CMOS output type (BU43□□G/FVE) or Open Drain
Output Type (BU42□□G/FVE) attached a load
resistance (RL) between the output and Vdd1.
(As shown Fig.19)
When a capacitance CL for noise filtering is connected to
the Vout pin (the reset signal input terminal of the
microcontroller), please take into account the waveform
of the rise and fall of the output voltage (Vout).
VDD1
BU43□□□
CIN
GND
CT
Microcontroller
RST
CL
(Capacitor for
noise filtering)
Fig.19 CMOS Output type
VDD1
BU42□□□
VDD2
GND
Microcontroller
RST
CL
(Capacitor for
noise filtering)
CT
RL
CIN
Fig.18 Open collector Output type


Número de pieza similar - BU4344

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4344 ROHM-BU4344 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4344 ROHM-BU4344 Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4344 ROHM-BU4344 Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU4344 ROHM-BU4344 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4344 ROHM-BU4344 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Descripción similar - BU4344

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4220G-TR ROHM-BU4220G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227F-TR ROHM-BU4227F-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com