Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC0310A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TC0310A
Descripción Electrónicos  SAW Resonator 359.4 MHz SMD 3.8X3.8 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0310A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0310A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0310A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0310A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0310A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0310A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0310A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.FREQUENCY CHARACTERISTICS:
TC0310A
-25
-20
-15
-10
-5
0
358.4
358.9
359.4
359.9
360.4
Freq MHz
F. TEST CIRCUIT:
50Ω
Network analyzer
50Ω
SAW Resonator
B
E
A、 C、 D、 F
To 50Ω
Network
Analyzer
From 50Ω
Network
Analyzer


Número de pieza similar - TC0310A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TC0310A GOLLEDGE-TC0310A Datasheet
186Kb / 5P
   359.40MHz SAW Resonator
More results

Descripción similar - TC0310A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TD0116A TAI-SAW-TD0116A Datasheet
258Kb / 6P
   SAW Resonator 1090 MHz SMD 3.8X3.8 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
   SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
TC0237A TAI-SAW-TC0237A Datasheet
353Kb / 5P
   SAW Resonator 666.6043 MHz SMD 3.8X3.8 mm
TC0248A TAI-SAW-TC0248A Datasheet
285Kb / 5P
   SAW Resonator 433.000 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
   SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0429A TAI-SAW-TC0429A Datasheet
278Kb / 6P
   SAW Resonator 644.873 MHz SMD 3.8X3.8 mm
TC0185A TAI-SAW-TC0185A Datasheet
289Kb / 4P
   SAW Resonator 745.795 MHz SMD 3.8X3.8 mm
TC0187A TAI-SAW-TC0187A Datasheet
285Kb / 5P
   SAW Resonator 772.420 MHz SMD 3.8X3.8 mm
TC0327BA3510 TAI-SAW-TC0327BA3510 Datasheet
831Kb / 6P
   SAW Resonator 840 MHz SMD 3.8X3.8 mm
TC0177A TAI-SAW-TC0177A Datasheet
315Kb / 4P
   SAW Resonator 804.681 MHz SMD 3.8X3.8 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com