Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC315E2 Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TC315E2
Descripción Electrónicos  SAW Resonator 315MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC315E2 Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC315E2 Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC315E2 Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC315E2 Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC315E2 Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 315 MHz
MODEL NO.: TC315E2
REV. NO.:3
A.Features :
1.One-port Resonator.
B.MAXIMUM RATING :
1. Power Dissipation : 0dBm.
2. DC voltage : 12 V.
3. Storage Temperature : -40 °C to +85 °C
4. Operating Temperature : -20 °C to +85 °C
5. Turnover Temperature : 35 °C Typ
6. Frequency Temperature Coefficient : 0.032 ppm/°C2
C. ELECTRICAL CHARACTERISTICS :
Characteristic
Units
Minimum
Typical
Maximum
Center frequency Fr
MHz
314.925
315.075
Insertion Loss IL
dB
1.5
2.5
Equivalent circuit elements
Parallel capacitance Co
pF
2.1
2.8
3
Motional resistance R1
Ohm
13.8
29
Motional inductance L1
μ
H
90
Motional capacitance C1
fF
2.8


Número de pieza similar - TC315E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TC315E1-A TAI-SAW-TC315E1-A Datasheet
187Kb / 4P
   SAW Resonator 315MHz
TC315E1B TAI-SAW-TC315E1B Datasheet
211Kb / 3P
   SAW Resonator 315 MHz
More results

Descripción similar - TC315E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TC0274D TAI-SAW-TC0274D Datasheet
387Kb / 6P
   SAW Resonator 315MHz
TC315E1-A TAI-SAW-TC315E1-A Datasheet
187Kb / 4P
   SAW Resonator 315MHz
TC0166A TAI-SAW-TC0166A Datasheet
125Kb / 4P
   One-Port SAW Resonator 315MHz F11
logo
Golledge Electronics Lt...
MA05553 GOLLEDGE-MA05553 Datasheet
150Kb / 4P
   SAW Filter 315MHz
MA06217 GOLLEDGE-MA06217 Datasheet
286Kb / 4P
   SAW Filter 315MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1794A TAI-SAW-TA1794A Datasheet
302Kb / 7P
   SAW Filter 315MHz
TA0579A TAI-SAW-TA0579A Datasheet
285Kb / 7P
   SAW Filter 315MHz
TA0209A TAI-SAW-TA0209A Datasheet
476Kb / 5P
   SAW Filter 315MHz SMD5X5mm
TA0234A TAI-SAW-TA0234A Datasheet
240Kb / 4P
   SAW Filter 315MHz TO39
TA0500A TAI-SAW-TA0500A Datasheet
272Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com