Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4448W Datasheet(PDF) 1 Page - Rectron Semiconductor

No. de pieza 1N4448W
Descripción Electrónicos  SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECTRON [Rectron Semiconductor]
Página de inicio  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1N4448W Datasheet(HTML) 1 Page - Rectron Semiconductor

  1N4448W Datasheet HTML 1Page - Rectron Semiconductor 1N4448W Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMALL SIGNAL DIODE
VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
RECTRON
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast Switching Speed
* Surface Mount Package ldeally Suited for
Automatic Insertion
* For General Purpose Switching Applicationgs
* High Conductance
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.01 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N4448W
SOD-123
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
NOTES : 1. Measured at IF=IR=10mA, IRR=0.1IR And RL=100 .
2. Measured at 1MHz and applied reverse voltage of 0 volts.
3. Part mounted on FR-4 PC board with minimunm recommended pad layout.
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
2006-3
RATINGS
Non-Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Forward Comtinuous Current
Non-Repetitive Peak Forward Surge Current
Maximum Power Dissipation (Note 3)
Operating and Storage Temperature Range
SYMBOL
1N4448W
VRM
VRMS
IFM
IFSM
PD
TJ, TSTG
VR
Volts
Volts
mAmps
500
Maximum Average Forward Rectified Current
IO
mAmps
250
4.0
2.0
400
Typical Junction Capacitance (Note 2)
CJ
4
-65 to + 150
Amps
mW
pF
Typical Reverse Recovery Time (Note 1)
Trr
4
nS
OC
UNITS
Typical Thermal Resistance
R ΘJA
315
OC/W
100
Maximum Working Peak reverse Voltage
VRWM
Volts
75
Maximum Repetitive Peak Reverse Voltage
VRRM
53
CHARACTERISTICS
Maximum Instantaneous Reverse Current
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
Volts
@IF=1.0mA
@VR=20V
@VR=75V
@IF=10mA
@t=1.0uS
@t=1.0S
@IF=50mA
@IF=150mA
0.715
25
2.5
0.855
1.0
25
nAmps
uAmps
1N4448W
REF .020(0.500)
.152(3.850)
.140(3.550)
.067(1.700)
.059(1.500)
.110(2.800)
.102(2.600)
.049(1.250)
.041(1.050)
.004(.100)
.000(0.00)
.


Número de pieza similar - 1N4448W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
1N4448W DGNJDZ-1N4448W Datasheet
144Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Pan Jit International I...
1N4448W PANJIT-1N4448W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
DONGGUAN YOU FENG WEI E...
1N4448W YFWDIODE-1N4448W Datasheet
534Kb / 2P
   Fast switching Diode
logo
Tak Cheong Electronics ...
1N4448W TAK_CHEONG-1N4448W Datasheet
691Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
First Components Intern...
1N4448W FCI-1N4448W Datasheet
78Kb / 3P
   High Speed Switching Diode SURFACE MOUNT PACKAGE
More results

Descripción similar - 1N4448W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
1N4448WS RECTRON-1N4448WS_08 Datasheet
149Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
BAV16WS RECTRON-BAV16WS Datasheet
119Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
CMBD1201 RECTRON-CMBD1201 Datasheet
331Kb / 4P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 215 mAmpere
1N4148WS RECTRON-1N4148WS Datasheet
119Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
BAV19W RECTRON-BAV19W Datasheet
152Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 100 Volts CURRENT 200 mAmpere
BAV20W RECTRON-BAV20W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 150 Volts CURRENT 200 mAmpere
BAV21W RECTRON-BAV21W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
BAV16W RECTRON-BAV16W Datasheet
49Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
1N4148W RECTRON-1N4148W Datasheet
155Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com