Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX55C30BSA Datasheet(PDF) 1 Page - Rectron Semiconductor

No. de pieza BZX55C30BSA
Descripción Electrónicos  SILICON PLANAR ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECTRON [Rectron Semiconductor]
Página de inicio  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZX55C30BSA Datasheet(HTML) 1 Page - Rectron Semiconductor

  BZX55C30BSA Datasheet HTML 1Page - Rectron Semiconductor BZX55C30BSA Datasheet HTML 2Page - Rectron Semiconductor BZX55C30BSA Datasheet HTML 3Page - Rectron Semiconductor BZX55C30BSA Datasheet HTML 4Page - Rectron Semiconductor BZX55C30BSA Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
BZX55C-BS
SERIES
4.7V to 36V
THERMAL RESISTANCE ( @ TA = 25oC unless otherwise noted )
ABSOLUTE MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
DESCRIPTION
SYMBOL
UNITS
oC/W
Thermal Resistance Junction to Ambient (Note 1)
RATINGS
Surge Power Dissipation Pulse Width =10 mS
Junction Temperature
Storage Temperature
SYMBOL
PS
TJ
TSTG
R qJA
VALUE
300
TYP.
UNITS
W
5.0
Power Dissipation (Note 1)
PTA
mW
500
175
-65 to +175
oC
oC
VD 2007-11
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Forward Voltage at IF= 100mA
Notes: 1. On infinite heatsink with 4mm lead length.
2. "Fully RoHS Compliant", "100% Sn plating (Pb-free)".
CHARACTERISTICS
SYMBOL
UNITS
Volts
VF
1.0
TYP.
SILICON PLANAR ZENER DIODE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
* Zener Voltage Range 4.7 to 36 Volts
* DO-35 Glass Axial Package
* Best Suited For Industrial, Military and Space Applications.
* The Glass Passivated Diode Chip in The Hermetically Sealed
Glass Package with Double Studs Provides Excellent Stability
and Reliability.
Dimensions in inches and (millimeters)
.200 (5.08)
.120 (3.05)
1.50 (38.1)
1.00 (25.4)
.089 (2.28)
.060 (1.53)
DIA.
.022 (0.55)
.007 (0.46)
DIA.
DO-35
1.50 (38.1)
1.00 (25.4)


Número de pieza similar - BZX55C30BSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
BZX55C30 KEXIN-BZX55C30 Datasheet
1Mb / 3P
   Zener Diodes
logo
Vishay Siliconix
BZX55C30 VISHAY-BZX55C30 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
BZX55C30 VISHAY-BZX55C30 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Microdiode Electronics ...
BZX55C30 CHENDA-BZX55C30 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Shenzhen Luguang Electr...
BZX55C30 LUGUANG-BZX55C30 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Descripción similar - BZX55C30BSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com