Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS13C1 Datasheet(PDF) 2 Page - Suntan Capacitors

No. de pieza TS13C1
Descripción Electrónicos  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAN [Suntan Capacitors]
Página de inicio  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13C1 Datasheet(HTML) 2 Page - Suntan Capacitors

  TS13C1 Datasheet HTML 1Page - Suntan Capacitors TS13C1 Datasheet HTML 2Page - Suntan Capacitors TS13C1 Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
TS13C1
Case Size
4
6.3
10
16
25
35
50
WV/V
Cap/μF
0G
0J
1A
1C
1E
1V
1H
0.1
0R1
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
0.7
0.22
R22
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
1.6
0.33
R33
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
2.5
0.47
R47
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
3.5
1
010
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
7
2.2
2R2
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
11
3.3
3R3
--
--
--
--
--
--
--
--
--
--
--
--
4×5.4
13
4.7
4R7
--
--
--
--
--
--
--
--
--
--
--
--
5×5.4
4×5.4
16
13
10
100
--
--
--
--
--
--
4×5.4
18
5×5.4
4×5.4
20
14
5×5.4
4×5.4
21
14
6.3×5.4
24
22
220
--
--
4×5.4
22
5×5.4
4×5.4
25
20
5×5.4
4×5.4
27
20
6.3×5.4
5×5.4
36
25
6.3×5.4
38
6.3×7.7
6.3×5.4
8 x 6.2
51
42
70
33
330
5×5.4
4×5.4
30
18
5×5.4
4×5.4
27
22
5×5.4
4×5.4
30
22
6.3×5.4
5×5.4
40
28
6.3×5.4
4×5.4
44
29
6.3×5.4
8 x 6.2
42
84
6.3×7.7
60
47
470
5×5.4
4×5.4
36
24
5×5.4
4×5.4
33
25
6.3×5.4
5×5.4
41
30
6.3×5.4
5×5.4
48
31
6.3×5.4
8 x 6.2
48
91
6.3×7.7
6.3×5.4
70
50
6.3×7.7
8×10.5
120
63
100
101
6.3×5.4
5×5.4
60
43
6.3×5.4
6.3×5.4
50
39
6.3×5.4
8 x 6.2
60
6.3×5.4
8 x 6.2
60
120
6.3×7.7
91
8×10.5
6.3×7.7
120
84
8×10.5
10×10.5
170
140
150
151
6.3×5.4
52
6.3×5.4
55
6.3×5.4
62
6.3×7.7
95
8×10.5
6.3×7.7
140
100
8×10.5
155
10×10.5
170
220
221
6.3×5.4
57
6.3×7.7
6.3×5.4
105
67
6.3×7.7
8 x 6.2
105
105
8×10.5
6.3×7.7
8 x 6.2
150
105
85
8×10.5
175
10×10.5
8×10.5
220
190
10×10.5
10 x 13.5
280
220
330
331
6.3×7.7
100
6.3×7.7
105
8×10.5
196
8×10.5
195
10×10.5
8×10.5
240
220
10×10.5
245
16x16.5
12.5x13.5
10x13.5
600
420
295
470
471
6.3×7.7
105
8×10.5
6.3×7.7
210
120
8×10.5
10×10.5
210
260
10×10.5
8×10.5
295
230
10×10.5
280
10×10.5
12.5x13.5
10x13.5
280
520
375
16x16.5
12.5x16
700
520
680
681
8×10.5
210
8×10.5
210
10×10.5
270
10×10.5
315
10 x 13.5
400
12.5x13.5
10x13.5
530
395
16x16.5
750
1000
102
8×10.5
230
10×10.5
8×10.5
300
230
10×10.5
315
10×10.5
12.5x13.5
10x13.5
340
500
390
12.5x13.5
580
16x16.5
12.5x16
750
600
16x21.5
1000
1500
152
10×10.5
315
10×10.5
10 x 13.5
450
315
10×13.5
460
12.5x13.5
550
12.5x16
850
--
--
2200
222
10×10.5
10 x 13.5
340
440
12.5x13.5
10x13.5
620
500
12.5x13.5
680
16x16.5
12.5x16
950
750
16x16.5
16x21.5
1050
1250
16x21.5
1300
--
--
3300
333
10 x 13.5
490
12.5x16
12.5x13.5
700
660
16x16.5
1000
16x16.5
16x21.5
1000
1200
16x21.5
1400
4700
472
12.5x13.5
600
16x16.5
1000
16x21.5
1300
16x21.5
1350
6800
682
16x16.5
12.5x16
950
650
16x21.5
1250
10000
103
16x21.5
250
--
--
--
--
--
---
--
--
--
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Número de pieza similar - TS13C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TS13C1 SUNTAN-TS13C1 Datasheet
388Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C1 SUNTAN-TS13C1_17 Datasheet
272Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Descripción similar - TS13C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com