Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDB4207 Datasheet(PDF) 1 Page - Cirrus Logic

No. de pieza CDB4207
Descripción Electrónicos  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB4207 Datasheet HTML 1Page - Cirrus Logic CDB4207 Datasheet HTML 2Page - Cirrus Logic CDB4207 Datasheet HTML 3Page - Cirrus Logic CDB4207 Datasheet HTML 4Page - Cirrus Logic CDB4207 Datasheet HTML 5Page - Cirrus Logic CDB4207 Datasheet HTML 6Page - Cirrus Logic CDB4207 Datasheet HTML 7Page - Cirrus Logic CDB4207 Datasheet HTML 8Page - Cirrus Logic CDB4207 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
APR '09
DS880F1
Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
DIGITAL to ANALOG FEATURES
DAC1 (Headphone)
101 dB Dynamic Range (A-wtd)
-89 dB THD+N
Headphone Amplifier - GND Centered
Integrated Negative-voltage Regulator
No DC-blocking Capacitor Required
50 mW Power/Channel into 16
Ω
DAC2 & DAC3 (Line Outs)
110 dB Dynamic Range (A-wtd)
-94 dB THD+N
Differential Balanced or Single-ended
Each DAC Supports 32 kHz to 192 kHz Sample
Rates Independently.
Digital Volume Control
+6.0 dB to -57.5 dB in 0.5 dB Steps
Zero Cross and/or Soft Ramp Transitions
Independent Support of D0 and D3 Power
States for Each DAC
Fast D3 to D0 Transition
Audio Playback in Less Than 50 ms
ANALOG to DIGITAL FEATURES
ADC1 & ADC2
105 dB Dynamic Range (A-wtd)
-88 dB THD+N
Differential Balanced or Single-ended
Inputs
Analog Programmable Gain Amplifier
(PGA) ±12 dB, 1.0 dB Steps, with Zero
Cross Transitions and Mute
MIC Inputs
Pre-amplifier with Selectable 0 dB, +10 dB,
+20 dB, and +30 dB Gain Settings
Programmable, Low-noise MIC Bias Level
Each ADC Supports 8 kHz to 96 kHz Sample
Rates Independently
Additional Digital Attenuation Control
-13.0 dB to -51.0 dB in 1.0 dB steps
Zero Cross and/or Soft Ramp Transitions
Digital Interface for Two Dual Digital Mic Inputs
Independent Support of D0 and D3 Power
States for Each ADC
VL_HD
(1.5 V to 3.3 V)
SRC &
Multibit
ΔΣ
Modulator
Chrg
Pump
Invert
Left HP Out
Left Line Out
2-Chnl
ADC1
HD Audio
Bus
Line/Mic In L
Line/Mic In R
Headphone
Amp - GND
Centered
MIC
Bias
2-Chnl
DAC1
Line
Out
+
-
Right Line Out
+
-
Left Line Out
Line
Out
+
-
Right Line Out
+
-
+
-
+
PGA
Digital
Filter &
SRC
2-Chnl
ADC2
Mic/Line In L
Mic/Line In R
+
-
+
-
PGA
Digital
Filter &
SRC
D-Mic Clock
SPDIF
TX1
SPDIF
RX SRC
S/PDIF OUT 1
S/PDIF IN
GPIO
GPIO
Right HP Out
D-Mic In
HD
Audio
Interface
Chrg
Pump
Buck
+VHP
-VHP
2-Chnl
DAC2
2-Chnl
DAC3
SRC &
Multibit
ΔΣ
Modulator
SRC &
Multibit
ΔΣ
Modulator
VD
(1.5 V to 1.8 V)
Vol/Mute
Vol/Mute
Vol/Mute
Vol/Boost/
Mute
Vol/Boost/
Mute
VA, VA_REF
(3.3 V to 5.0 V)
VA_HP
(3.3 V to 5.0 V)
Mic Bias
VL_IF
(3.3 V)
Jack
Sense
SENSE_A
SPDIF
TX2
S/PDIF OUT 2
128Fs Clock
Multiplier
HD Bus
Fs
SPDIF
RX
CS4207


Número de pieza similar - CDB4207

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CDB4215 CIRRUS-CDB4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
CDB4216 CIRRUS-CDB4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
CDB4220 CIRRUS-CDB4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CDB4221 CIRRUS-CDB4221 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CDB4222 CIRRUS-CDB4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
More results

Descripción similar - CDB4207

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
   Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com