Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFR605 Datasheet(PDF) 1 Page - Won-Top Electronics

No. de pieza SFR605
Descripción Electrónicos  6.0A SOFT FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

SFR605 Datasheet(HTML) 1 Page - Won-Top Electronics

  SFR605 Datasheet HTML 1Page - Won-Top Electronics SFR605 Datasheet HTML 2Page - Won-Top Electronics SFR605 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFR601 – SFR607
1 of 3
© 2002 Won-Top Electronics
SFR601 – SFR607
6.0A SOFT FAST RECOVERY RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 2.1 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Epoxy: UL 94V-O rate flame retardant
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SFR601 SFR602 SFR603 SFR604 SFR605 SFR606 SFR607
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
200
A
Forward Voltage
@IF = 6.0A
VFM
1.2
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
200
µA
Reverse Recovery Time (Note 2)
trr
120
200
350
nS
Typical Junction Capacitance (Note 3)
Cj
100
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WT E
PO W E R SEM IC O ND UC TO R S
R-6
Dim
Min
Max
A
25.4
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm


Número de pieza similar - SFR605

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
SFR605 JGD-SFR605 Datasheet
146Kb / 2P
   6.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR605 TSC-SFR605 Datasheet
70Kb / 2P
   6.0 AMPS. Soft Fast Recovery Rectifiers
SFR605 TSC-SFR605 Datasheet
255Kb / 2P
   6.0 AMPS. Soft Fast Recovery Rectifiers
More results

Descripción similar - SFR605

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR602-T DIODES-FR602-T Datasheet
59Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
FR601 DIODES-FR601 Datasheet
57Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
DS26004 Rev. C1-3
PR6001 DIODES-PR6001_1 Datasheet
97Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. 3 - 2
logo
TAITRON Components Inco...
TF601L TAITRON-TF601L Datasheet
132Kb / 4P
   6.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR6001 DIODES-PR6001 Datasheet
62Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. A1-2
FR607-T DIODES-FR607-T Datasheet
59Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
SF61 DIODES-SF61 Datasheet
59Kb / 2P
   6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
TAITRON Components Inco...
TSF61 TAITRON-TSF61 Datasheet
129Kb / 4P
   6.0A Super Fast Recovery Rectifier
TUF601 TAITRON-TUF601 Datasheet
162Kb / 6P
   6.0A Ultra Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com