Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6431GUNTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

No. de pieza SS6431GUNTR
Descripción Electrónicos  Adjustable High-Precision Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6431GUNTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6431GUNTR Datasheet HTML 2Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 3Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 4Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 5Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 6Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 7Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 8Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 9Page - Silicon Standard Corp. SS6431GUNTR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.SiliconStandard.com
6 of 11
SS6431G
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
10
100
1k
10k
100k
1M
10M
-10
0
10
20
30
40
50
60
70
80
Av
IZ =10mA
TA=25
°C
Fig. 10 Small Signal Voltage Amplification vs. Frequency
Frequency (Hz)
R1
10k
R2
250
+
VIN
CIN
47
µF
V1
SS6431G
Output
Fig. 11 Test Circuit For Frequency Response
Fig. 12 Pulse Response
Input
Output
RA
50
RB
220
SS6431G
OUTPUT
Pulse Gen.
f=100kHz
Fig. 13 Test Circuit For Pulse Response
1E-4
1E-3
0.01
0.1
1
10
0
20
40
60
80
100
Fig. 14 Stability Boundary Conditions
Load Capacitance (
µF)
VZ=VREF
Stable
Stable
CL
VIN
R
150
SS6431G
VZ
Fig. 15 Test Circuit for Stability Boundary Conditions
The areas between the curves represent conditions that
may cause the device to oscillate.
2/10/2005 Rev.2.10


Número de pieza similar - SS6431GUNTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
SS64 FRONTIER-SS64 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS64 ASEMI-SS64 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS64-LFR FRONTIER-SS64-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6401 SSC-SS6401 Datasheet
481Kb / 6P
   Step-Down DC/DC Controller with Shutdown
SS6401SRB SSC-SS6401SRB Datasheet
481Kb / 6P
   Step-Down DC/DC Controller with Shutdown
More results

Descripción similar - SS6431GUNTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A Datasheet
76Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com