Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6642-37GUTR Datasheet(PDF) 11 Page - Silicon Standard Corp.

No. de pieza SS6642-37GUTR
Descripción Electrónicos  3-Pin Simple Step-Up DC/DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6642-37GUTR Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6642-37GUTR Datasheet HTML 7Page - Silicon Standard Corp. SS6642-37GUTR Datasheet HTML 8Page - Silicon Standard Corp. SS6642-37GUTR Datasheet HTML 9Page - Silicon Standard Corp. SS6642-37GUTR Datasheet HTML 10Page - Silicon Standard Corp. SS6642-37GUTR Datasheet HTML 11Page - Silicon Standard Corp. SS6642-37GUTR Datasheet HTML 12Page - Silicon Standard Corp. SS6642-37GUTR Datasheet HTML 13Page - Silicon Standard Corp. SS6642-37GUTR Datasheet HTML 14Page - Silicon Standard Corp. SS6642-37GUTR Datasheet HTML 15Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.SiliconStandard.com
11 of 22
SS6642G
1/15/2005 Rev.2.10
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
Fig. 36 SS6642-37 Load Regulation (L=100
µH)
Output Current (mA)
0
25
50
75
100
125
150
175
200
225
250
275
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
VIN=2.5V
VIN =2.0V
VIN=1.8V
VIN=1.2V
VIN =0.9V
Fig. 37 SS6642-37 Efficiency (100
µH)
Output Current (mA)
0
25
50
75
100
125
150
175
200
225
250
40
45
50
55
60
65
70
75
80
85
90
VIN =2.5V
VIN=2.0V
VIN=1.8V
VIN=1.2V
VIN=0.9V
Fig. 38 SS6642-37 Load Regulation (L=47
µH)
Output Current (mA)
0
25
50
75
100
125
150
175
200
225
250
275
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
VIN=2.5V
VIN=2.0V
VIN=1.8V
VIN=1.2V
VIN=0.9V
Fig. 39 SS6642-37 Efficiency (47
µH)
Output Current (mA)
0
25
50
75
100
125
150
175
200
225
250
275
40
45
50
55
60
65
70
75
80
85
90
VIN=2.5V
VIN=2.0V
VIN=1.8V
VIN=1.2V
VIN=0.9V
Fig. 40 SS6642-37 Start-up & Hold-on Voltage (L=100
µH)
Output Current (mA)
0
5
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Hold on
Start up
Fig. 41 SS6642-37 Output Voltage vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
3.40
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
3.95
4.00
No Load


Número de pieza similar - SS6642-37GUTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
SS6642 SENSITRON-SS6642 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6642U SENSITRON-SS6642U Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6642US SENSITRON-SS6642US Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
More results

Descripción similar - SS6642-37GUTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
   Simple 3-Pin Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com