Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SS6729-3018CSTB Datasheet(Hoja de datos) 2 Page - Silicon Standard Corp.

No. de Pieza. SS6729-3018CSTB
Descripción  400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo 

   
 2 page
background image
www.SiliconStandard.com
2 of 8
SS6729
TYPICAL APPLICATION CIRCUIT
SS6729
ORDERING INFORMATION
PIN CONFIGURATION
Packing type
TB: tubes (PDIP is only available in tubes)
TR: tape and reel
Package type
N: plastic DIP
S: small outline
LDO output voltage
18: 1.8V
:
:
40: 4.0V
Voltage detector voltage
30: 3.0V
:
:
46: 4.6V
LDO output voltage and voltage detector are available on 0.1V increments
Top view
$
'&6
'&(
#$(
$
#$6
$&



'
SS6729XXXX-CXXX
Example: SS6729-3018CSTR
$
 3.0V voltage detector, 1.8V LDO output
voltage, in SO-8, shipped on tape and reel
SS6729
SS6729
SS6729
SS6729
SS6729
SS6729
Rev.2.02 3/21/2004




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl