Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6781AGNTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

No. de pieza SS6781AGNTR
Descripción Electrónicos  Battery Charger Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781AGNTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6781AGNTR Datasheet HTML 1Page - Silicon Standard Corp. SS6781AGNTR Datasheet HTML 2Page - Silicon Standard Corp. SS6781AGNTR Datasheet HTML 3Page - Silicon Standard Corp. SS6781AGNTR Datasheet HTML 4Page - Silicon Standard Corp. SS6781AGNTR Datasheet HTML 5Page - Silicon Standard Corp. SS6781AGNTR Datasheet HTML 6Page - Silicon Standard Corp. SS6781AGNTR Datasheet HTML 7Page - Silicon Standard Corp. SS6781AGNTR Datasheet HTML 8Page - Silicon Standard Corp. SS6781AGNTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.SiliconStandard.com
3 of 18
SS6781A(G)
1/11/2005 Rev.2.10
ORDERING INFORMATION
PIN CONFIGURATION
16
14
15
10
12
11
13
TOP VIEW
9
1
3
2
5
7
6
4
8
PEAK
VBT
DIS
VTS
VCC
ADJ
SEL3
SEL1
SEL2
MODE
LED1
GND
TMR
DSW
ICON
LED2
Packing
TR: Tape and reel
TB: Tubes
Package type
N: PDIP-16 (only available in tubes)
S: SO-16
C: Commercial grade
G: , Commercial, with Pb-free lead finish
(Available for SO-16 only)
Example: SS6781ACSTR
à in SO-16 shipped on tape and reel
SS6781AGSTR
à in SO-16 with Pb-free leads shipped on
tape and reel
SS6781AXXXX
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
............................................………… ........................................ 5.5V
DC Voltage Applied on any pin
......................…………… ...................................... 5.5V
Sink current of ICON pin, LED1 and LED2 pin
.......................……… .................. 20mA
Operating Temperature Range .....................................…………… .............. 0
°C~ 70°C
Storage Temperature Range .............................................………… ......
-65
°C~ 150°C
TEST CIRCUIT
PEAK
DSW
VBT
ICON
DIS
LED2
VTS
LED1
VCC
GND
ADJ
SEL1
SEL3
SEL2
TMR
MODE
V2 (3V)
V1 (0.95V)
VCC
VCC (5V)
VCC
GREEN
ORANGE
RED
560
SS6781A
R2
-
+
-
+
YELLOW
VOLTAGE
SOURCE
VOLTAGE SOURCE
VCC
VCC
VCC
VCC
100K
R1
560
560
R3
R4
560
R5


Número de pieza similar - SS6781AGNTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
SS6781BCNTB SSC-SS6781BCNTB Datasheet
584Kb / 20P
   Battery Charge Controller
SS6781BCNTR SSC-SS6781BCNTR Datasheet
584Kb / 20P
   Battery Charge Controller
SS6781BCSTB SSC-SS6781BCSTB Datasheet
584Kb / 20P
   Battery Charge Controller
SS6781BCSTR SSC-SS6781BCSTR Datasheet
584Kb / 20P
   Battery Charge Controller
More results

Descripción similar - SS6781AGNTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
   Smart Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
   Standard Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
   Smart Battery Charger Controller
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
   Standard Battery Charger Controller
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Linear Technology
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
   Smart Battery Charger Controller
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
[Old version datasheet]   Lithium-Ion Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com