Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SS6680N-18CVBG Datasheet(PDF) 3 Page - Silicon Standard Corp.

No. de Pieza. SS6680N-18CVBG
Descripción  Ultra Low Power Voltage Detector
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo 

SS6680N-18CVBG Datasheet(HTML) 3 Page - Silicon Standard Corp.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.SiliconStandard.com
3 of 10
SS6680

!"
ELECTRICAL CHARACTERISTICS °°°°
 ! "##!
#$  $ $%"&
" 
%
" '
( 


4>

(

+!!0%' 

6

>

' 
?(
?6
?@
?$
?

>
4
6
5
6(


(
(>
@5
µ&
 




   
?.?(@
?.?6$
?.?@$
?.?$
:-!;
6(@
5
>>@
@@
7&
   
?(.?@ :/!;
6
7&
+7 ##  
A
7B°
  '+ 7
+ 
(
µ


!"
TYPICAL PERFORMANCE CHARACTERISTICS











°
      
 


Rev.2.01 6/06/2003


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn