Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS8026T66TR Datasheet(PDF) 11 Page - Silicon Standard Corp.

No. de pieza SS8026T66TR
Descripción Electrónicos  1.8V 1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026T66TR Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS8026T66TR Datasheet HTML 4Page - Silicon Standard Corp. SS8026T66TR Datasheet HTML 5Page - Silicon Standard Corp. SS8026T66TR Datasheet HTML 6Page - Silicon Standard Corp. SS8026T66TR Datasheet HTML 7Page - Silicon Standard Corp. SS8026T66TR Datasheet HTML 8Page - Silicon Standard Corp. SS8026T66TR Datasheet HTML 9Page - Silicon Standard Corp. SS8026T66TR Datasheet HTML 10Page - Silicon Standard Corp. SS8026T66TR Datasheet HTML 11Page - Silicon Standard Corp. SS8026T66TR Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.SiliconStandard.com
11 of 12
Rev.2.02 12/06/2003
SS8026
TO-263 (T5) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
A1
1.22
1.32
0.048
0.055
A2
2.45
2.69
0.104
0.106
b
0.69
0.94
0.027
0.037
b1
1.22
1.40
0.048
0.055
C
0.36
0.56
0.014
0.022
D
8.64
9.652
0.340
0.380
E
9.70
10.54
0.382
0.415
e
2.29
2.79
0.090
0.110
e1
4.83
5.33
0.190
0.210
H
14.60
15.78
0.575
0.625
L
4.70
5.84
0.185
0.230
L1
1.20
1.778
0.047
0.070
L2
2.24
2.84
0.088
0.111
L3
1.40MAX
0.055MAX
e
L3
D
H
e1
b1
b
E
A
A1
C
A2
L2
L
L1
e
L3
D
H
e1
b1
b
E
A
A1
C
A2
L2
L
L1


Número de pieza similar - SS8026T66TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

Descripción similar - SS8026T66TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
G952 GMT-G952_07 Datasheet
428Kb / 11P
   1.8V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com