Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS8218-D3TB Datasheet(PDF) 10 Page - Silicon Standard Corp.

No. de pieza SS8218-D3TB
Descripción Electrónicos  Ultra160 Multi-mode LVD/SE SCSI Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSC [Silicon Standard Corp.]
Página de inicio  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8218-D3TB Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS8218-D3TB Datasheet HTML 3Page - Silicon Standard Corp. SS8218-D3TB Datasheet HTML 4Page - Silicon Standard Corp. SS8218-D3TB Datasheet HTML 5Page - Silicon Standard Corp. SS8218-D3TB Datasheet HTML 6Page - Silicon Standard Corp. SS8218-D3TB Datasheet HTML 7Page - Silicon Standard Corp. SS8218-D3TB Datasheet HTML 8Page - Silicon Standard Corp. SS8218-D3TB Datasheet HTML 9Page - Silicon Standard Corp. SS8218-D3TB Datasheet HTML 10Page - Silicon Standard Corp. SS8218-D3TB Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.SiliconStandard.com
10 of 11
SS8218
Rev.2.01 6/06/2003
36 pin SSOP
Dimension in mm
Dimension in inch
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.413
2.591
2.794
0.095
0.102
0.110
A1
0.203
0.305
0.406
0.008
0.012
0.016
b
0.300
0.450
0.012
0.018
c
0.127
0.254
0.005
0.010
D
15.748
15.875
16.002
0.620
0.625
0.630
e
0.800 BASIC
0.032 BASIC
E
10.033
10.668
0.395
0.420
E1
7.391
7.493
7.595
0.291
0.295
0.289
h
0.381
0.635
0.015
0.025
L
0.508
1.016
0.020
0.040
θ
0
8
0
8
h x 45
°
C
L
θ
E1 E
SEATING PLANE
0.004 C
D
b
e
A
A1
Taping Specification
Feed Direction
Typical SSOP, TSSOP Package Orientation
Feed Direction
Typical SSOP, TSSOP Package Orientation


Número de pieza similar - SS8218-D3TB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GDTR SSC-SS8219GDTR Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GSTR SSC-SS8219GSTR Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
More results

Descripción similar - SS8218-D3TB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
S136-000 ETC2-S136-000 Datasheet
453Kb / 1P
   SCSI/Fibre Channel - SCSI Ultra160 LVD/SE Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com