Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPSLF12555 Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

No. de Pieza. TPSLF12555
Descripción  TPSLF Wirewound Power Inductors
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOKEN [Token Electronics Industry Co., Ltd.]
Página de inicio  http://www.token.com.tw
Logo 

TPSLF12555 Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
09 of 10
(TPSLF12575) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (±20%)
IDC (A) (max)
TPSLF12575 - 1R2N
1.20
1
0.0050
13.00
TPSLF12575 - 2R7N
2.70
1
0.0094
10.00
TPSLF12575 - 3R9N
3.90
1
0.0104
9.00
TPSLF12575 - 5R6N
5.60
1
0.0116
7.80
TPSLF12575 - 6R8N
6.80
1
0.0131
7.20
TPSLF12575 - 100M
10.00
1
0.0156
5.50
TPSLF12575 - 150M
15.00
1
0.0184
4.70
TPSLF12575 - 220M
22.00
1
0.0263
4.00
TPSLF12575 - 330M
33.00
1
0.0395
3.20
TPSLF12575 - 470M
47.00
1
0.0528
2.70
TPSLF12575 - 680M
68.00
1
0.0778
2.00
TPSLF12575 - 101M
100.00
1
0.125
1.90
TPSLF12575 - 151M
150.00
1
0.175
1.50
TPSLF12575 - 221M
220.00
1
0.258
1.30
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
TPSLF12575 Wirewound Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn