Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4320-1ACPZ-RL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADA4320-1ACPZ-RL
Descripción Electrónicos  High Power, Low Distortion Upstream
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4320-1ACPZ-RL Datasheet HTML 5Page - Analog Devices ADA4320-1ACPZ-RL Datasheet HTML 6Page - Analog Devices ADA4320-1ACPZ-RL Datasheet HTML 7Page - Analog Devices ADA4320-1ACPZ-RL Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-RL Datasheet HTML 9Page - Analog Devices ADA4320-1ACPZ-RL Datasheet HTML 10Page - Analog Devices ADA4320-1ACPZ-RL Datasheet HTML 11Page - Analog Devices ADA4320-1ACPZ-RL Datasheet HTML 12Page - Analog Devices ADA4320-1ACPZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4320-1
Rev. 0 | Page 9 of 16
–10
–80
–70
–60
–50
–40
–30
–20
060
54
48
42
36
30
24
18
12
6
GAIN CODE
TXEN = 1, ALL CURRENT LEVELS
TXEN = 0
Figure 11. Noise Power vs. Gain Code
0
–30
–25
–20
–15
–10
–5
585
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
FREQUENCY (MHz)
SLEEP
TX DISABLE
TX ENABLE
Figure 12. Output Return Loss (S22) vs. Frequency
–61
–62
–63
–64
–65
–66
–67
–68
585
75
65
55
45
35
25
15
FREQUENCY (MHz)
CURRENT LEVEL 0
CURRENT LEVEL 1
CURRENT LEVEL 2
CURRENT LEVEL 3
SINGLE QPSK CHANNEL
OUTPUT LEVEL = 61dBmV
GAIN CODE 60 (MAXIMUM)
CHANNEL WIDTH = 6.4MHz
ADJACENT CHANNEL WIDTH = 6.4MHz
Figure 13. ACPR vs. Frequency for Single QPSK Channel
80
20
30
40
50
60
70
06
54
48
42
36
30
24
18
12
6
GAIN CODE
0
CURRENT LEVEL 3
CURRENT LEVEL 0
Figure 14. Output 1 dB Compression Point vs. Gain Code
–40
–80
–75
–70
–65
–60
–55
–50
–45
80
0
10
20
30
40
50
60
70
06
54
48
42
36
30
24
18
12
6
GAIN CODE
OUTPUT
LEVEL
ACPR
0
SINGLE QPSK CHANNEL
INPUT LEVEL = 29dBmV
CURRENT LEVEL 3
CHANNEL WIDTH = 6.4MHz
DRIVEN CHANNEL CENTER = 42MHz
ADJACENT CHANNEL WIDTH = 6.4MHz
ADJACENT CHANNEL CENTER = 48.4MHz
Figure 15. ACPR and Output Level vs. Gain Code
–52
–54
–56
–58
–60
–62
–64
–66
58
75
65
55
45
35
25
15
FREQUENCY (MHz)
5
CURRENT LEVEL 0
CURRENT LEVEL 1
CURRENT LEVEL 2
CURRENT LEVEL 3
4× QAM64 CHANNELS (UNCORRELATED)
OUTPUT LEVEL = 53dBmV/CHANNEL
GAIN CODE 60 (MAXIMUM)
CHANNEL WIDTH = 1.6MHz
ADJACENT CHANNEL WIDTH = 1.6MHz
Figure 16. ACPR vs. Frequency for 4× QAM64 Channels


Número de pieza similar - ADA4320-1ACPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
   Active RF Splitter
Rev. Sp0
ADA4302-4 AD-ADA4302-4 Datasheet
231Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACP-REEL AD-ADA4302-4ACP-REEL Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACP-RL7 AD-ADA4302-4ACP-RL7 Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACPZ-EBDI AD-ADA4302-4ACPZ-EBDI Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
More results

Descripción similar - ADA4320-1ACPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4940-1 AD-ADA4940-1 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
   750MHz, Low Distortion 750MHz, Low Distortion
logo
List of Unclassifed Man...
EFA060B-70 ETC-EFA060B-70 Datasheet
25Kb / 2P
   Low Distortion GaAs Power FET
EFA072A ETC-EFA072A Datasheet
43Kb / 2P
   Low Distortion GaAs Power FET
EFC120 ETC-EFC120 Datasheet
23Kb / 2P
   Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA025A-100P EXCELICS-EFA025A-100P Datasheet
107Kb / 2P
   Low Distortion GaAs Power FET
logo
List of Unclassifed Man...
EFA080A-100F ETC1-EFA080A-100F Datasheet
33Kb / 2P
   Low Distortion GaAs Power FET
EFC060B ETC1-EFC060B Datasheet
27Kb / 2P
   Low Distortion GaAs Power FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com