Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV3226 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADV3226
Descripción Electrónicos  750 MHz, 16 x 16 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV3226 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV3226 Datasheet HTML 3Page - Analog Devices ADV3226 Datasheet HTML 4Page - Analog Devices ADV3226 Datasheet HTML 5Page - Analog Devices ADV3226 Datasheet HTML 6Page - Analog Devices ADV3226 Datasheet HTML 7Page - Analog Devices ADV3226 Datasheet HTML 8Page - Analog Devices ADV3226 Datasheet HTML 9Page - Analog Devices ADV3226 Datasheet HTML 10Page - Analog Devices ADV3226 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADV3226/ADV3227
Rev. 0 | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Analog Supply Voltage (AVCC − AVEE)
11 V
Digital Supply Voltage (DVCC − DGND)
6 V
Supply Potential Difference
(AVCC − DVCC)
±0.5 V
Ground Potential Difference
(AGND − DGND)
±0.5 V
Maximum Potential Difference
(DVCC − AVEE)
6 V
Analog Input Voltage
AVEE < VIN < AVCC
Digital Input Voltage
DGND < DIN < DVCC
Exposed Paddle Voltage
AVEE < VIN < AVCC
Output Voltage (Disabled Analog
Output)
AVEE < VOUT < AVCC
Output Short-Circuit
Duration
Momentary
Current
Internally limited to 55 mA
Temperature
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature
150°C
Lead Temperature (Soldering,
10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θJA
θJC
θJB
ψJT
ψJB
Unit
100-Lead LFCSP
26
2.56
9.5
0.2
8.9
°C/W
POWER DISSIPATION
The ADV3226/ADV3227 operate with ±5 V supplies and can
drive loads down to 100 Ω, resulting in a wide range of possible
power dissipations. For this reason, extra care must be taken
when derating the operating conditions based on ambient
temperature.
Packaged in the 100-lead LFCSP, the ADV3226/ADV3227
junction-to-ambient thermal impedance (θJA) is 26°C/W.
For long-term reliability, the maximum allowed junction
temperature of the die should not exceed 125°C; even
temporarily exceeding this limit can cause a shift in parametric
performance due to a change in stresses exerted on the die by
the package. Exceeding a junction temperature of 150°C for an
extended period can result in device failure. In Figure 4, the
curve shows the range of allowed internal die power dissipation
that meets these conditions over the −40°C to +85°C ambient
temperature range. When using Figure 4, do not include the
external load power in the maximum power calculation, but do
include the load current dropped on the die output transistors.
6
5
4
3
2
15
25
35
45
55
65
75
85
AMBIENT TEMPERATURE (°C)
TJ = 150°C
Figure 4. Maximum Die Power Dissipation vs. Ambient Temperature
ESD CAUTION


Número de pieza similar - ADV3226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Descripción similar - ADV3226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com