Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPU32-820K Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd.

No. de Pieza. TPU32-820K
Descripción  TPUA SMT Power Inductors
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOKEN [Token Electronics Industry Co., Ltd.]
Página de inicio  http://www.token.com.tw
Logo 

TPU32-820K Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd.

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10 of 16
TPU54 SMT Power Inductors
Version 2010
(TPU54) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(Hz)
DCR (Ω)(max)
IDC (A)(max)
TPU54 - 1R0M
1.00
7.96 M
0.015
5.90
TPU54 - 1R2M
1.20
7.96 M
0.020
5.20
TPU54 - 1R5M
1.50
7.96 M
0.025
4.70
TPU54 - 1R8M
1.80
7.96 M
0.030
4.00
TPU54 - 2R2M
2.20
7.96 M
0.035
3.80
TPU54 - 2R7M
2.70
7.96 M
0.040
3.40
TPU54 - 3R3M
3.30
7.96 M
0.045
3.30
TPU54 - 3R9M
3.90
7.96 M
0.050
2.90
TPU54 - 4R7M
4.70
7.96 M
0.060
2.80
TPU54 - 5R6M
5.60
7.96 M
0.070
2.40
TPU54 - 6R8M
6.80
7.96 M
0.080
2.10
TPU54 - 8R2M
8.20
7.96 M
0.090
2.00
TPU54 - 100K
10.00
2.52 M
0.100
1.44
TPU54 - 120K
12.00
2.52 M
0.120
1.40
TPU54 - 150K
15.00
2.52 M
0.140
1.30
TPU54 - 180K
18.00
2.52 M
0.150
1.23
TPU54 - 220K
22.00
2.52 M
0.180
1.11
TPU54 - 270K
27.00
2.52 M
0.200
0.97
TPU54 - 330K
33.00
2.52 M
0.230
0.88
TPU54 - 390K
39.00
2.52 M
0.320
0.80
TPU54 - 470K
47.00
2.52 M
0.370
0.72
TPU54 - 560K
56.00
2.52 M
0.420
0.68
TPU54 - 680K
68.00
2.52 M
0.460
0.61
TPU54 - 820K
82.00
2.52 M
0.600
0.58
TPU54 - 101K
100.00
1 K
0.700
0.52
TPU54 - 121K
120.00
1 K
0.930
0.48
TPU54 - 151K
150.00
1 K
1.100
0.40
TPU54 - 181K
180.00
1 K
1.380
0.38
TPU54 - 221K
220.00
1 K
1.570
0.35
TPU54 - 271K
270.00
1 K
1.650
0.32
TPU54 - 331K
330.00
1 K
1.700
0.28
TPU54 - 391K
390.00
1 K
1.800
0.26
TPU54 - 471K
470.00
1 K
2.300
0.23
TPU54 - 561K
560.00
1 K
2.500
0.20
TPU54 - 681K
680.00
1 K
3.000
0.19
TPU54 - 821K
820.00
1 K
4.500
0.16
TPU54 - 102K
1000.00
1 K
4.800
0.14
Note: 101~102 Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
Inductance Drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn