Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002K Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 2N7002K
Descripción Electrónicos  N-channel TrenchMOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002K Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 2N7002K Datasheet HTML 2Page - NXP Semiconductors 2N7002K Datasheet HTML 3Page - NXP Semiconductors 2N7002K Datasheet HTML 4Page - NXP Semiconductors 2N7002K Datasheet HTML 5Page - NXP Semiconductors 2N7002K Datasheet HTML 6Page - NXP Semiconductors 2N7002K Datasheet HTML 7Page - NXP Semiconductors 2N7002K Datasheet HTML 8Page - NXP Semiconductors 2N7002K Datasheet HTML 9Page - NXP Semiconductors 2N7002K Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2N7002KA_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 25 February 2008
6 of 11
NXP Semiconductors
2N7002KA
N-channel TrenchMOS FET
Tj =25 °CTj =25 °C
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function
of drain current; typical values
Tj =25 °C and 150 °C; VDS >ID × RDSon
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature
003aab352
0
0.2
0.4
0.6
0.8
1
012
34
VDS (V)
ID
(A)
10
5
4.5
4
3.5
VGS (V) =
003aab353
0
2000
4000
6000
8000
10000
0
0.2
0.4
0.6
0.8
1
ID (A)
RDSon
(m
Ω)
4
5
4.5
10
VGS (V) =
003aab354
0
0.2
0.4
0.6
0.8
1
0246
VGS (V)
ID
(A)
Tj = 150 °C
25
°C
Tj (°C)
−60
180
120
060
003aac034
1.2
0.6
1.8
2.4
a
0
a
R
DSon
R
DSon 25
°C
()
------------------------------
=


Número de pieza similar - 2N7002K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
2N7002K VISHAY-2N7002K Datasheet
233Kb / 3P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 21-Feb-05
logo
SHENZHEN SLS TECHNOLOGY...
2N7002K SHENZHENSLS-2N7002K Datasheet
307Kb / 1P
   Plastic-Encapsulate MOSFETS
logo
Wuxi NCE Power Semicond...
2N7002K NCEPOWER-2N7002K Datasheet
295Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
logo
Nexperia B.V. All right...
2N7002K NEXPERIA-2N7002K Datasheet
347Kb / 13P
   TrenchMOS™ logic level FET
Rev. 01 - 20 October 2003
logo
Nanjing International G...
2N7002K DGNJDZ-2N7002K Datasheet
1Mb / 2P
   Voltage controlled small signal switch
More results

Descripción similar - 2N7002K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK663R5-55C NXP-BUK663R5-55C Datasheet
138Kb / 11P
   N-channel TrenchMOS FET
Rev. 01-3 August 2010
BUK6507-75C NXP-BUK6507-75C Datasheet
185Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK9606-55B NXP-BUK9606-55B Datasheet
193Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
BUK664R8-75C PHILIPS-BUK664R8-75C_15 Datasheet
402Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-17 November 2010
BUK663R7-75C PHILIPS-BUK663R7-75C_15 Datasheet
386Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-15 September 2010
BUK6215-75C PHILIPS-BUK6215-75C_15 Datasheet
227Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK6211-75C PHILIPS-BUK6211-75C_15 Datasheet
219Kb / 15P
   N-channel TrenchMOS FET
Rev. 02-28 September 2010
logo
Nexperia B.V. All right...
BUK6240-75C NEXPERIA-BUK6240-75C Datasheet
477Kb / 15P
   N-channel TrenchMOS FET
BUK6510-75C NEXPERIA-BUK6510-75C Datasheet
336Kb / 17P
   N-channel TrenchMOS FET
Rev. 02 - 13 December 2010
logo
NXP Semiconductors
BUK9506-55B NXP-BUK9506-55B Datasheet
195Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com