Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSF881D50-S9 Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

No. de pieza TSF881D50-S9
Descripción Electrónicos  Front End Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOKEN [Token Electronics Industry Co., Ltd.]
Página de inicio  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSF881D50-S9 Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

Back Button TSF881D50-S9 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TSF881D50-S9 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TSF881D50-S9 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TSF881D50-S9 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TSF881D50-S9 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSF881D50-S9 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSF881D50-S9 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSF881D50-S9 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TSF881D50-S9 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
06 of 14
Version 2010
Saw for WLAN Mobile Communications
Part Number
Center Freq.
(MHz)
3db BW
(MHz)
IL(dB)
Package
SMD Type
DIP Type
TSF280D00-S4
280
20
11
QCC8C
TSF374D00A-D1
374
22
9
TO-39
TSF374D00B-D1
374
22
8.5
TO-39
TSF374D00C-S4
374
22
9
QCC8C
TSF374D00D-S4
374
22
8.5
QCC8C
TSF374D00E-S4
374
19
9
QCC8C
TSF374D00F-S4
374
20.5
9
QCC8C
TSF374D00G-S6
374
23
9
QCC8B
TSF374D00H-S6
374
21
9
QCC8B
IF Filters for Wireless LAN Typical Specification
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Número de pieza similar - TSF881D50-S9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cynergy3 Co
TSF88H100D CYNERGY3-TSF88H100D Datasheet
244Kb / 1P
   NPT External Mount with Temperature Sensing
TSF88Y100D CYNERGY3-TSF88Y100D Datasheet
244Kb / 1P
   NPT External Mount with Temperature Sensing
More results

Descripción similar - TSF881D50-S9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MTRONPTI
2133C MTRONPTI-2133C Datasheet
52Kb / 1P
   Front End Crystal Filters
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
   Front-End Filters: 10.0MHz to 220 MHz
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com