Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT16240A Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74ABT16240A
Descripción Electrónicos  16-bit inverting buffer/line driver; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT16240A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT16240A Datasheet HTML 2Page - NXP Semiconductors 74ABT16240A Datasheet HTML 3Page - NXP Semiconductors 74ABT16240A Datasheet HTML 4Page - NXP Semiconductors 74ABT16240A Datasheet HTML 5Page - NXP Semiconductors 74ABT16240A Datasheet HTML 6Page - NXP Semiconductors 74ABT16240A Datasheet HTML 7Page - NXP Semiconductors 74ABT16240A Datasheet HTML 8Page - NXP Semiconductors 74ABT16240A Datasheet HTML 9Page - NXP Semiconductors 74ABT16240A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74ABT16240A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 March 2009
6 of 14
NXP Semiconductors
74ABT16240A
16-bit inverting buffer/line driver; 3-state
9.
Static characteristics
[1]
This is the increase in supply current for each input at 3.4 V.
[2]
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
[3]
This data sheet limit may vary among suppliers.
Table 6.
Static characteristics
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ
Max
Min
Max
VIK
input clamping voltage VCC = 4.5 V; IIK = −18 mA
-
−0.9 −1.2
-
−1.2
V
VOH
HIGH-level output
voltage
VI = VIL or VIH
VCC = 4.5 V; IOH = −3 mA
2.5
2.9
-
2.5
-
V
VCC = 5.0 V; IOH = −3 mA
3.0
3.4
-
3.0
-
V
VCC = 4.5 V; IOH = −32 mA
2.0
2.4
-
2.0
-
V
VOL
LOW-level output
voltage
VCC = 4.5 V; IOL =64mA;
VI =VIL or VIH
-
0.42
0.55
-
0.55
V
II
input leakage current
VCC = 5.5 V; VI = GND or 5.5 V
-
±0.01 ±1.0
-
±1.0
µA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO ≤ 4.5 V
-
±5.0 ±100
-
±100
µA
IO(pu/pd)
power-up/power-down
output current
VCC = 2.0 V; VO = 0.5 V;
VI = GND or VCC; nOE=VCC
[1]
-
±5.0
±50
-
±50
µA
IOZ
OFF-state output
current
VCC = 5.5 V; VI = VIL or VIH
output HIGH-state at VO = 5.5 V
-
1.0
10
-
10
µA
output LOW-state at VO = 0.5 V
-
−1.0
−10
-
−10
µA
ILO
output leakage current HIGH-state; VO = 5.5 V;
VCC = 5.5 V; VI = GND or VCC
-
1.0
50
-
50
µA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[2]
−50
−70 −180
−50
−180
mA
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
0.5
1.0
-
1.0
mA
outputs LOW-state
-
8
19
-
19
mA
outputs 3-state
-
0.5
1.0
-
1.0
mA
∆ICC
additional supply
current
per input pin; VCC = 5.5 V; one
input at 3.4 V and other inputs at
VCC or GND
[1][3]
-
10
200
-
200
µA
CI
input capacitance
VI = 0 V or VCC
-4-
-
-
pF
CI/O
input/output
capacitance
outputs disabled; VO = 0 V or VCC
-6-
-
-
pF


Número de pieza similar - 74ABT16240A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
NXP Semiconductors
74ABT16240ADGG PHILIPS-74ABT16240ADGG Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16240ADGG NEXPERIA-74ABT16240ADGG Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
Texas Instruments
74ABT16240ADGGRE4 TI-74ABT16240ADGGRE4 Datasheet
210Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - 74ABT16240A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
   16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com