Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TA35-CBTWM050C0 Datasheet(PDF) 3 Page - Schurter Inc.

No. de Pieza. TA35-CBTWM050C0
Descripción  IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo 

TA35-CBTWM050C0 Datasheet(HTML) 3 Page - Schurter Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Power entry modules without line filter
635
www.schurter.com/pg05
Connectors
Rated current In (A)
Other rated currents on request
In
Code
1,0
J10
2,0
J20
4,0
040
5,0
050
6,0
060
In
Code
8,0
080
10,0
100
12,0
120*
15,0
150*
F
120
C0
No other
features
F embossed
H printed
white
K printed
black
L printed
white
M printed
black
Surface
Illustration
Colour of print
Rocker legend
Other legends on request
Colours
Switch front
Rocker
non-illuminated
illuminated
W
black
white
B
black
black
3
black
red transparent
4
black
green transparent
6
black
orange transparent
Other colours on request
CBD
W
TA35-
ORDER CODE
Switch
without
CBT
CBD
illumination
Switch
illuminated
240 V
C12
C32
120 V
C14
C34
Other versions on request
Table 1 Selection for type TA35
Order example
Position of the rocker
legend e.g. F
LINE
LOAD
LINE
LOAD
Number of switched poles
2-pole
Number of protected poles
1
2
*) UL / CSA only


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn