Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TA35-CBTWM050C0 Datasheet(PDF) 4 Page - Schurter Inc.

No. de Pieza. TA35-CBTWM050C0
Descripción  IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo 

TA35-CBTWM050C0 Datasheet(HTML) 4 Page - Schurter Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

Power entry modules without line filter
635
www.schurter.com/pg05
Connectors
Technical data (continued)
Circuit breaker
Tripping characteristics
I
n < 3 A
Tripping characteristics
I
n
> 3 ... 15 A
Effect of ambient temperature
The unit is calibrated for an ambient temperature of +23 °C. To
determine the rated current for lower or higher ambient temperature,
use a correction factor from the table below.
* Ambient
Correction factor
temperature [°C]
–25
0.79
–20
0.81
0
0.90
+23
1.00
+40
1.03
+50
1.04
+60
1.06
* Temperature must be measured at the rear of the breaker
next to the terminals after equipment operating tempera-
ture has been reached.
Example:
Rated current at +23 °C
10 A
Ambient temperature
+60 °C
Correction factor
1.06
Chosen rated current at +60 °C
ambient temperature:
10 A x 1.06 = 10.6 A
Type
Order code TA35
6135
C B D W F 1 2 0 C 0
. 0 2 1 0
see table 1
Order code (Order example)
Please note that Schurter will establish an
internal part number for logistics use in
addition to the order code. The format of
this internal part number is, for example:
6135.xxxx.xxxx
Wiring
1 wired
0 unwired
Terminals
1 Quick connect 6.3 x 0.8 mm
0 Protection class 1
Mounting
2 Snap-in s = 1.5 mm
3 Snap-in s = 2.0 mm
4 Snap-in s = 2.5 mm
5 Snap-in s = 3.0 mm
The above tripping characteristics apply to symmetrical overloads on the two poles.
At asymmetric overloads on two pole types the tripping current will be increased by factor
1.05 (TC-2).
Type p
TA35
Rated current
<3A (TC-1, TC-2)
Ambient temp.
+23 °C
Multiple of rated current
[ x In ]
1,05
10
8
5
4
3
2
1,35
10'000
60
2`000
1`000
500
200
100
50
20
10
[ sec ]
[ min ]
10
5
1
30
20
5
2
1
0,5
0,3
0,2
0,1
1,05
10
8
5
4
3
2
1,35
10'000
60
2`000
1`000
500
200
100
50
20
10
[ sec
[ min ]
10
5
1
30
20
5
2
1
0,5
0,3
0,2
0,1
]
> 3–15A (TC-1, TC-2)
Type
TA35
Rated current
Ambient temp. +23 °C
Multiple of rated current
[ x In ]
Packaging unit
40Pcs


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn