Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TA35-CBTWM050C0 Datasheet(PDF) 1 Page - Schurter Inc.

No. de Pieza. TA35-CBTWM050C0
Descripción  IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo 

TA35-CBTWM050C0 Datasheet(HTML) 1 Page - Schurter Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Power entry modules without line filter
635
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
C14
70° C
Description
-PanelMount:
Snap-inversionfromfrontside
-2Functions:
ApplianceInlet,ProtectionclassI,CircuitbreakertypeTA35,2-pole
-Quickconnectterminal6.3x0.8mm
-Alternative:versionfor16A(20A)6136
-Substitutefortype7764
Approvals
-VDELicenseNumber:40023066
-ULLicenseNumber:E96454
Characteristics
-Unwired
-Switchnon-illuminatedorilluminated
Thermaloverloadprotection
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Pre-wiredversion
-Quick-connectterminals4.8x0.8mm
-ProtectionclassII,70°C
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,Distributor-Stock-
Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
15A/250VAC;60Hz
DielectricStrength
>2.5kVACbetweenL-N
>3kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto60°C
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
PanelThicknesss
Snap-in1.5/2/2.5/3mm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
CircuitBreakers
Acc.IEC/EN60934,UL1077,CSA
22.2no.235
2-polerockerswitch,illuminatedornon-
illuminated.
ConditionalshortcircuitInc:
2000A


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn