Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC1G00GV Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74AHC1G00GV
Descripción Electrónicos  2-input NAND gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G00GV Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC1G00GV Datasheet HTML 3Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 4Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 5Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 6Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 7Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 8Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 9Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 10Page - NXP Semiconductors 74AHC1G00GV Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74AHC_AHCT1G00_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 30 May 2007
7 of 11
NXP Semiconductors
74AHC1G00; 74AHCT1G00
2-input NAND gate
13. Package outline
Fig 7.
Package outline SOT353-1 (TSSOP5)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0
1.0
0.8
0.30
0.15
0.25
0.08
2.25
1.85
1.35
1.15
0.65
e1
1.3
2.25
2.0
0.60
0.15
7
°
0
°
0.1
0.1
0.3
0.425
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.46
0.21
SOT353-1
MO-203
SC-88A
00-09-01
03-02-19
w M
bp
D
Z
e
e1
0.15
13
5
4
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
1.5
3 mm
0
scale
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm
SOT353-1
1.1


Número de pieza similar - 74AHC1G00GV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC1G00GV PHILIPS-74AHC1G00GV Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Nexperia B.V. All right...
74AHC1G00GV NEXPERIA-74AHC1G00GV Datasheet
212Kb / 11P
   2-input NAND gate
Rev. 9 - 10 January 2022
74AHC1G00GV-Q100 NEXPERIA-74AHC1G00GV-Q100 Datasheet
709Kb / 12P
   2-input NAND gate
74AHC1G00GV-Q100 NEXPERIA-74AHC1G00GV-Q100 Datasheet
210Kb / 11P
   2-input NAND gate
Rev. 4 - 10 January 2022
More results

Descripción similar - 74AHC1G00GV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com