Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT1G126GF Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74AHCT1G126GF
Descripción Electrónicos  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G126GF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT1G126GF Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G126GF Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G126GF Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G126GF Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G126GF Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G126GF Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G126GF Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G126GF Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G126GF Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AHC_AHCT1G126_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 17 June 2009
8 of 16
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
Measurement points are given in Table 9.
Fig 8.
enable and disable times
mna129
tPLZ
tPHZ
output
disabled
output
enabled
VOH − 0.3 V
VOL + 0.3 V
output
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 9.
Measurement points
Type
Input
Output
VM
VI
VM
74AHC1G126
0.5
× VCC
GND to VCC
0.5
× VCC
74AHCT1G126
1.5 V
GND to 3.0 V
0.5
× VCC


Número de pieza similar - 74AHCT1G126GF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AHCT1G126GM NEXPERIA-74AHCT1G126GM Datasheet
248Kb / 15P
   Bus buffer/line driver; 3-state
Rev. 10 - 11 January 2022
logo
NXP Semiconductors
74AHCT1G126GV PHILIPS-74AHCT1G126GV Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
logo
Nexperia B.V. All right...
74AHCT1G126GV NEXPERIA-74AHCT1G126GV Datasheet
248Kb / 15P
   Bus buffer/line driver; 3-state
Rev. 10 - 11 January 2022
74AHCT1G126GV-Q100 NEXPERIA-74AHCT1G126GV-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
74AHCT1G126GV-Q100 NEXPERIA-74AHCT1G126GV-Q100 Datasheet
237Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 3 - 11 January 2022
More results

Descripción similar - 74AHCT1G126GF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com