Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT2G08 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74AHCT2G08
Descripción Electrónicos  Dual 2-input AND gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT2G08 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCT2G08 Datasheet HTML 1Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 2Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 3Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74AHC_AHCT2G08_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2009
2 of 14
NXP Semiconductors
74AHC2G08; 74AHCT2G08
Dual 2-input AND gate
4.
Marking
5.
Functional diagram
Table 2.
Marking
Type number
Marking code
74AHC2G08DP
A08
74AHCT2G08DP
C08
74AHC2G08DC
A08
74AHCT2G08DC
C08
74AHC2G08GD
A08
74AHCT2G08GD
C08
Fig 1.
Logic symbol.
Fig 2.
IEC logic symbol.
mna724
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
mna725
7
&
&
2
1
3
6
5
Fig 3.
Logic diagram (one gate).
mna221
A
B
Y


Número de pieza similar - 74AHCT2G08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHCT2G08 PHILIPS-74AHCT2G08 Datasheet
90Kb / 17P
   Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Nexperia B.V. All right...
74AHCT2G08 NEXPERIA-74AHCT2G08 Datasheet
196Kb / 14P
   Dual 2-input AND gate
Rev. 6 - 21 March 2018
74AHCT2G08-Q100 NEXPERIA-74AHCT2G08-Q100 Datasheet
197Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT2G08DC PHILIPS-74AHCT2G08DC Datasheet
90Kb / 17P
   Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Nexperia B.V. All right...
74AHCT2G08DC NEXPERIA-74AHCT2G08DC Datasheet
196Kb / 14P
   Dual 2-input AND gate
Rev. 6 - 21 March 2018
More results

Descripción similar - 74AHCT2G08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
   DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
   Dual 2-input AND gate
2002 Nov 15
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
   Dual 2-input AND gate
Rev. 08-9 June 2008
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
   Dual 2-Input AND Gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
   Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
   Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
logo
NXP Semiconductors
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
   Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
   DUAL 2-INPUT AND GATE
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
   DUAL 2-INPUT AND GATE
TC7WG08FK TOSHIBA-TC7WG08FK_09 Datasheet
185Kb / 7P
   Dual 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com