Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC3G04DP Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74AHC3G04DP
Descripción Electrónicos  Inverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC3G04DP Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHC3G04DP Datasheet HTML 1Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 2Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 3Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 4Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 5Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 6Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 7Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 8Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74AHC_AHCT3G04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 26 January 2009
4 of 13
NXP Semiconductors
74AHC3G04; 74AHCT3G04
Inverter
9.
Recommended operating conditions
10. Static characteristics
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74AHC3G04
74AHCT3G04
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 3.3 V ± 0.3 V
-
-
100
-
-
-
ns/V
VCC = 5.0 V ± 0.5 V
-
-
20
-
-
20
ns/V
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC3G04
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.8
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 50 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
1.0
-
10
-
40
µA
CI
input
capacitance
-
1.5
10
-
10
-
10
pF


Número de pieza similar - 74AHC3G04DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC3G04DP PHILIPS-74AHC3G04DP Datasheet
84Kb / 16P
   INVERTER
2003 Nov 06
logo
Nexperia B.V. All right...
74AHC3G04DP NEXPERIA-74AHC3G04DP Datasheet
236Kb / 13P
   Inverter
Rev. 5 - 4 August 2021
74AHC3G04DP-Q100 NEXPERIA-74AHC3G04DP-Q100 Datasheet
211Kb / 11P
   The 74AHC3G04-Q100; 74AHCT3G04-Q100 are high-speed Si-gate CMOS devices. They provide three inverting buffers
More results

Descripción similar - 74AHC3G04DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com