Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC244D Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74AHC244D
Descripción Electrónicos  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC244D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AHC244D Datasheet HTML 7Page - NXP Semiconductors 74AHC244D Datasheet HTML 8Page - NXP Semiconductors 74AHC244D Datasheet HTML 9Page - NXP Semiconductors 74AHC244D Datasheet HTML 10Page - NXP Semiconductors 74AHC244D Datasheet HTML 11Page - NXP Semiconductors 74AHC244D Datasheet HTML 12Page - NXP Semiconductors 74AHC244D Datasheet HTML 13Page - NXP Semiconductors 74AHC244D Datasheet HTML 14Page - NXP Semiconductors 74AHC244D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74AHC_AHCT244_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 20 December 2007
11 of 16
NXP Semiconductors
74AHC244; 74AHCT244
Octal buffer/line driver; 3-state
12. Package outline
Fig 9.
Package outline SOT163-1 (SO20)
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
2.65
0.3
0.1
2.45
2.25
0.49
0.36
0.32
0.23
13.0
12.6
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.1
0.4
SOT163-1
10
20
w M
b p
detail X
Z
e
11
1
D
y
0.25
075E04
MS-013
pin 1 index
0.1
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.51
0.49
0.30
0.29
0.05
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
0
5
10 mm
scale
X
θ
A
A1
A2
HE
L p
Q
E
c
L
v M A
(A )
3
A
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
99-12-27
03-02-19


Número de pieza similar - 74AHC244D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC244D PHILIPS-74AHC244D Datasheet
80Kb / 16P
   Octal buffer/line driver; 3-state
1999 Sep 28
74AHC244D NXP-74AHC244D Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHC244D NEXPERIA-74AHC244D Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHC244D-Q100 NEXPERIA-74AHC244D-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
More results

Descripción similar - 74AHC244D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com