Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVC162334ADGG Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74ALVC162334ADGG
Descripción Electrónicos  16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC162334ADGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC162334ADGG Datasheet HTML 3Page - NXP Semiconductors 74ALVC162334ADGG Datasheet HTML 4Page - NXP Semiconductors 74ALVC162334ADGG Datasheet HTML 5Page - NXP Semiconductors 74ALVC162334ADGG Datasheet HTML 6Page - NXP Semiconductors 74ALVC162334ADGG Datasheet HTML 7Page - NXP Semiconductors 74ALVC162334ADGG Datasheet HTML 8Page - NXP Semiconductors 74ALVC162334ADGG Datasheet HTML 9Page - NXP Semiconductors 74ALVC162334ADGG Datasheet HTML 10Page - NXP Semiconductors 74ALVC162334ADGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74ALVC162334A_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
7 of 19
NXP Semiconductors
74ALVC162334A
16-bit registered driver (3-state)
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages are referenced to GND (ground=0V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
-
−50
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
[1]
−0.5
VCC + 0.5
V
IO(sink/source) output sink or source current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
±100
mA
IGND
ground current
-
±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot/pack
total power dissipation
per package
for temperature range
−40 °C to +125 °C;
above +55
°C derate linearly with 8 mW/K
-
600
mW
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.5 V range for maximum speed performance
at 30 pF output load
2.3
-
2.7
V
3.3 V range for maximum speed performance
at 50 pF output load
3.0
-
3.6
V
for low-voltage applications
1.2
-
3.6
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
operating in free-air
−40
-
+85
°C
tr
rise time
VCC = 2.3 V to 3.0 V
0
-
20
ns/V
VCC = 3.0 V to 3.6 V
0
-
10
ns/V
tf
fall time
VCC = 2.3 V to 3.0 V
0
-
20
ns/V
VCC = 3.0 V to 3.6 V
0
-
10
ns/V


Número de pieza similar - 74ALVC162334ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVC162334ADGG PHILIPS-74ALVC162334ADGG Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC162334ADGG NEXPERIA-74ALVC162334ADGG Datasheet
663Kb / 19P
   16-bit registered driver with inverted register enable and 30 Ω termination resistors (3-state)
Rev. 03 - 13 December 2006
More results

Descripción similar - 74ALVC162334ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVC162334A PHILIPS-74ALVC162334A_15 Datasheet
124Kb / 19P
   16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Rev. 03-13 December 2006
logo
Nexperia B.V. All right...
74ALVC162334A NEXPERIA-74ALVC162334A Datasheet
663Kb / 19P
   16-bit registered driver with inverted register enable and 30 Ω termination resistors (3-state)
Rev. 03 - 13 December 2006
logo
NXP Semiconductors
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
74ALVC162836A NEXPERIA-74ALVC162836A Datasheet
204Kb / 15P
   20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
   18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com