Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G885 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74AUP1G885
Descripción Electrónicos  Low-power dual function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G885 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1G885 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G885 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G885 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G885 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G885 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G885 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G885 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G885 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G885 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74AUP1G885_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 26 June 2009
3 of 19
NXP Semiconductors
74AUP1G885
Low-power dual function gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration SOT765-1 (VSSOP8)
Fig 3.
Pin configuration SOT833-1 (XSON8)
74AUP1G885
AVCC
B1Y
2Y
C
GND
n.c.
001aae354
1
2
3
4
6
5
8
7
74AUP1G885
C
1Y
VCC
n.c.
2Y
B
A
GND
001aae355
36
27
18
45
Transparent top view
Fig 4.
Pin configuration SOT996-2 (XSON8U)
Fig 5.
Pin configuration SOT902-1 (XQFN8U)
001aaj897
74AUP1G885
Transparent top view
8
7
6
5
1
2
3
4
A
B
2Y
GND
VCC
1Y
C
n.c.
001aaf630
B
C
A
2Y
1Y
n.c.
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74AUP1G885
Table 3.
Pin description
Symbol
Pin
Description
SOT765-1, SOT833-1 and SOT996-2
SOT902-1
A, B, C
1, 2, 6
7, 6, 2
data input
GND
4
4
ground (0 V)
n.c.
5
3
not connected
1Y, 2Y
7, 3
1, 5
data output
VCC
8
8
supply voltage


Número de pieza similar - 74AUP1G885

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G885 PHILIPS-74AUP1G885 Datasheet
71Kb / 19P
   Low-power dual function gate
Rev.01.00-26 January 2006
logo
Nexperia B.V. All right...
74AUP1G885 NEXPERIA-74AUP1G885 Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
logo
NXP Semiconductors
74AUP1G885DC PHILIPS-74AUP1G885DC Datasheet
71Kb / 19P
   Low-power dual function gate
Rev.01.00-26 January 2006
logo
Nexperia B.V. All right...
74AUP1G885DC NEXPERIA-74AUP1G885DC Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
74AUP1G885GF NEXPERIA-74AUP1G885GF Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
More results

Descripción similar - 74AUP1G885

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G885 NEXPERIA-74AUP1G885 Datasheet
263Kb / 18P
   Low-power dual function gate
Rev. 11 - 22 July 2019
logo
NXP Semiconductors
74AUP1G885 PHILIPS-74AUP1G885 Datasheet
71Kb / 19P
   Low-power dual function gate
Rev.01.00-26 January 2006
logo
Nexperia B.V. All right...
74AUP2G57 NEXPERIA-74AUP2G57 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
74AUP2G57-Q100 NEXPERIA-74AUP2G57-Q100 Datasheet
252Kb / 15P
   Low-power dual PCB configurable multiple function gate
Rev. 1 - 8 November 2021
74AUP2G97 NEXPERIA-74AUP2G97 Datasheet
259Kb / 16P
   Low-power dual PCB configurable multiple function gate
74AUP2G58 NEXPERIA-74AUP2G58 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
74AUP2G98 NEXPERIA-74AUP2G98 Datasheet
871Kb / 21P
   Low-power dual PCB configurable multiple function gate
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com