Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD1-113-60-SE Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

No. de pieza PD1-113-60-SE
Descripción Electrónicos  57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Página de inicio  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD1-113-60-SE Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD1-113-60-SE Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PANdrives
MECHATRONIC DRIVES WITH STEPPER MOTOR
INFO
M A IN CH A R AC T ER IS T ICS
www.trinamic.com – for detailed information and datasheets
10 mm
The PD-113-57/60-SE is a full mechatronic solution including
a 57 or 60 mm flange motor (NEMA23/NEMA24). It combines
a convenient controller electronic and a sensOstep™ encoder
with a range of different motor types and can be controlled via
RS-232 or RS485 interface. The chopSync™ feature allows high
velocity operation avoiding resonances. The PD-113-57/60-SE
comes with the PC based software development environment
TMCL-IDE for the Trinamic Motion Control Language (TMCL).
Using predefined TMCL high level commands like „move to
position“ or „constant rotation“ a rapid and fast development of
motion control applications is guaranteed. Communication traf-
fic is kept very low since all time critical operations, e.g. ramp
calculation are performed onboard.
ELECTRICAL
DATA
nom. 24V DC supply voltage (28.5V max.)
up to 2.8A RMS coil current
MOTOR DATA
please also refer to the motor datasheet
INTERFACE
RS232 or RS485 interface
2 inputs for reference switches
2 general purpose inputs (+24V compatible)
2 general purpose outputs (open-collector)
FEATURES
sensOstep™ encoder (max. 256 incr./rot.)
chopSync™ for high velocity operation
stallGuard™ for motor stall detection
up to 16 times microstepping
memory for 2048 TMCL commands
motion profile calculation in real-time
on the fly alteration of motion parameters
dynamic current control
integrated protection
SOFTWARE
stand-alone operation using TMCL
or remote controlled operation
PC-based application development
software TMCL-IDE included
OTHER
RoHS compliant
PD-
113-57-SE
PD-
113-60-SE
57mm / NEMA23 or
60mm / NEMA24
Stepper Motor with
Controller / Driver,
with Encoder and
Serial Interface
ORDER CODE
DESCRIPTION
PD1-113-57-SE (-option)
PANdrive 0.55 Nm, 65 mm length with motor QSH5718-41-28-055
PD2-113-57-SE (-option)
PANdrive 1.01 Nm, 75 mm length with motor QSH5718-51-28-101
PD3-113-57-SE (-option)
PANdrive 1.26 Nm, 80 mm length with motor QSH5718-56-28-126
PD4-113-57-SE (-option)
PANdrive 1.89 Nm, 100 mm length with motor QSH5718-76-28-189
PD1-113-60-SE (-option)
PANdrive 1.10 Nm, 69 mm length with motor QSH6018-45-28-110
PD2-113-60-SE (-option)
PANdrive 1.65 Nm, 80 mm length with motor QSH6018-56-28-165
PD3-113-60-SE (-option)
PANdrive 2.10 Nm, 89 mm length with motor QSH6018-65-28-210
PD4-113-60-SE (-option)
PANdrive 3.10 Nm, 110 mm length with motor QSH6018-86-28-310
OPTIONS
232
RS232 interface
485
RS485 interface
5V Power Supply
24V
PD-113-57/60-SE
MOSFET
Driver
Stage
TMCL
Memory
sensOstep™
Encoder
high power
Driver
TMC249
Step
Motor
programmable
Motion
Controller
with TMC428
RS232
or
RS485
85


Número de pieza similar - PD1-113-60-SE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRINAMIC Motion Control...
PD1-113-57-SE-232 TRINAMIC-PD1-113-57-SE-232 Datasheet
1Mb / 25P
   MECHATRONIC DRIVES WITH STEPPER MOTOR
PD1-113-57-SE-485 TRINAMIC-PD1-113-57-SE-485 Datasheet
1Mb / 25P
   MECHATRONIC DRIVES WITH STEPPER MOTOR
More results

Descripción similar - PD1-113-60-SE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRINAMIC Motion Control...
PD-116-60-SE TRINAMIC-PD-116-60-SE Datasheet
135Kb / 1P
   60mm/NEMA24 Stepper Motor with Controller/Driver, with Encoder and Serial Interface
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
PD-170-57 TRINAMIC-PD-170-57 Datasheet
311Kb / 1P
   57mm diameter BLDC Encoder Motor with Controller/Driver and Serial Interface
PD-111-56 TRINAMIC-PD-111-56 Datasheet
295Kb / 1P
   56mm / NEMA23 High Performance Stepper Motor with with Controller / Driver and Serial Interface
PD-110-42 TRINAMIC-PD-110-42 Datasheet
287Kb / 1P
   42mm / NEMA17 Stepper Motor with Controller / Driver and Serial Interface
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
PD-140-42-SE TRINAMIC-PD-140-42-SE Datasheet
231Kb / 1P
   42mm/NEMA17 Stepper Motor with Controller/Driver, Encoderand Serial Interface
PD-170 TRINAMIC-PD-170_1 Datasheet
148Kb / 2P
   57mm BLDC Motor with Intelligent Electronics and Serial Interface
TMC454 TRINAMIC-TMC454 Datasheet
189Kb / 1P
   Stepper Motor Controller with Integrated Sequencer and Encoder Inf.
TMC211 TRINAMIC-TMC211_1 Datasheet
656Kb / 56P
   Micro Stepping Stepper Motor Controller / Driver with LIN Interface
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com