Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AUP2G00DC Datasheet(PDF) 9 Page - NXP Semiconductors |
|
74AUP2G00DC Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 17 page 74AUP2G00_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 5 June 2008 9 of 17 NXP Semiconductors 74AUP2G00 Low-power dual 2-input NAND gate [1] All typical values are measured at nominal VCC. [2] tpd is the same as tPLH and tPHL. [3] CPD is used to determine the dynamic power dissipation (PD in µW). PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; Σ(C L × VCC 2 × f o) = sum of the outputs. 12. Waveforms CL = 5 pF, 10 pF, 15 pF and 30 pF CPD power dissipation capacitance fi = 1 MHz; VI = GND to VCC [3] VCC = 0.8 V - 2.8 - - - - pF VCC = 1.1 V to 1.3 V - 2.9 - - - - pF VCC = 1.4 V to 1.6 V - 3.0 - - - - pF VCC = 1.65 V to 1.95 V - 3.0 - - - - pF VCC = 2.3 V to 2.7 V - 3.4 - - - - pF VCC = 3.0 V to 3.6 V - 3.9 - - - - pF Table 8. Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9. Symbol Parameter Conditions Tamb = 25 °C Tamb = −40 °C to +125 °C Unit Min Typ[1] Max Min Max (85 °C) Max (125 °C) Measurement points are given in Table 9. Logic levels: VOL and VOH are typical output voltage levels that occur with the output load. Fig 8. The data input (nA or nB) to output (nY) propagation delays 001aae972 nA, nB input nY output tPLH tPHL GND VI VM VM VOH VOL Table 9. Measurement points Supply voltage Output Input VCC VM VM VI tr = tf 0.8 V to 3.6 V 0.5 × V CC 0.5 × V CC VCC ≤ 3.0 ns |
Número de pieza similar - 74AUP2G00DC |
|
Descripción similar - 74AUP2G00DC |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |