Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G17 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74AUP2G17
Descripción Electrónicos  Low-power dual Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G17 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP2G17_09 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 13Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 14Page - NXP Semiconductors 74AUP2G17_09 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74AUP2G17_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 July 2009
11 of 18
NXP Semiconductors
74AUP2G17
Low-power dual Schmitt trigger
Fig 11. Typical transfer characteristics; VCC = 1.8 V
VI (V)
0
2.0
1.6
0.8
1.2
0.4
001aad691
80
160
240
ICC
(
µA)
0
Fig 12. Typical transfer characteristics; VCC = 3.0 V
001aad692
VI (V)
0
3.0
2.0
1.0
400
800
1200
ICC
(
µA)
0


Número de pieza similar - 74AUP2G17_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74AUP2G17DW-7 DIODES-74AUP2G17DW-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
74AUP2G17FW3-7 DIODES-74AUP2G17FW3-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
74AUP2G17FW4-7 DIODES-74AUP2G17FW4-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
74AUP2G17FZ4-7 DIODES-74AUP2G17FZ4-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
logo
NXP Semiconductors
74AUP2G17GF NXP-74AUP2G17GF Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
More results

Descripción similar - 74AUP2G17_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
logo
Nexperia B.V. All right...
74AXP2G17 NEXPERIA-74AXP2G17 Datasheet
829Kb / 16P
   Low-power dual Schmitt trigger
74AUP2G17 NEXPERIA-74AUP2G17 Datasheet
266Kb / 17P
   Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
logo
NXP Semiconductors
74AUP2G17 PHILIPS-74AUP2G17_15 Datasheet
214Kb / 21P
   Low-power dual Schmitt trigger
Rev. 6-4 December 2012
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
   Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com