Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G80 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74AUP2G80
Descripción Electrónicos  Low-power dual D-type flip-flop; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G80 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP2G80_08 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G80_08 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G80_08 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G80_08 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G80_08 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G80_08 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G80_08 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G80_08 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G80_08 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74AUP2G80_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2008
9 of 20
NXP Semiconductors
74AUP2G80
Low-power dual D-type flip-flop; positive-edge trigger
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground=0V; for test circuit see Figure 10.
Symbol Parameter
Conditions
Tamb = 25 °C
Tamb = −40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
(85
°C)
Max
(85
°C)
Min
(125
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation
delay
nCP to nQ; see Figure 8
[2]
VCC = 0.8 V
-
20.9
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.9
6.0
12.9
2.6
14.3
2.6
15.7
ns
VCC = 1.4 V to 1.6 V
1.9
4.2
7.6
2.0
8.9
2.0
9.8
ns
VCC = 1.65 V to 1.95 V
1.7
3.4
5.9
1.6
7.0
1.6
7.7
ns
VCC = 2.3 V to 2.7 V
1.4
2.6
4.3
1.2
5.6
1.2
6.2
ns
VCC = 3.0 V to 3.6 V
1.2
2.2
3.6
1.0
4.4
1.0
4.8
ns
fmax
maximum
frequency
nCP; see Figure 9
VCC = 0.8 V
-
53
-
-
-
-
-
MHz
VCC = 1.1 V to 1.3 V
-
203
-
170
-
170
-
MHz
VCC = 1.4 V to 1.6 V
-
347
-
310
-
300
-
MHz
VCC = 1.65 V to 1.95 V
-
435
-
400
-
390
-
MHz
VCC = 2.3 V to 2.7 V
-
550
-
490
-
480
-
MHz
VCC = 3.0 V to 3.6 V
-
619
-
550
-
510
-
MHz
CL = 10 pF
tpd
propagation
delay
nCP to nQ; see Figure 8
[2]
VCC = 0.8 V
-
24.6
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.3
6.9
14.9
3.0
16.5
3.0
18.2
ns
VCC = 1.4 V to 1.6 V
2.6
4.8
8.8
2.3
10.3
2.3
11.3
ns
VCC = 1.65 V to 1.95 V
2.3
3.9
6.8
2.0
8.1
2.0
8.9
ns
VCC = 2.3 V to 2.7 V
1.9
3.1
5.1
1.7
6.3
1.7
6.9
ns
VCC = 3.0 V to 3.6 V
1.8
2.7
4.4
1.4
4.9
1.4
5.4
ns
fmax
maximum
frequency
nCP; see Figure 9
VCC = 0.8 V
-
52
-
-
-
-
-
MHz
VCC = 1.1 V to 1.3 V
-
192
-
150
-
150
-
MHz
VCC = 1.4 V to 1.6 V
-
324
-
280
-
230
-
MHz
VCC = 1.65 V to 1.95 V
-
421
-
310
-
250
-
MHz
VCC = 2.3 V to 2.7 V
-
486
-
370
-
360
-
MHz
VCC = 3.0 V to 3.6 V
-
550
-
410
-
360
-
MHz


Número de pieza similar - 74AUP2G80_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G80DC PHILIPS-74AUP2G80DC Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80DC NXP-74AUP2G80DC Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
logo
Nexperia B.V. All right...
74AUP2G80DC NEXPERIA-74AUP2G80DC Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 7 December 2020
logo
NXP Semiconductors
74AUP2G80GM PHILIPS-74AUP2G80GM Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80GM NXP-74AUP2G80GM Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
More results

Descripción similar - 74AUP2G80_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
74AUP2G80 NEXPERIA-74AUP2G80 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 7 December 2020
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com