Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G132GT Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74AUP2G132GT
Descripción Electrónicos  Low-power dual 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G132GT Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP2G132GT Datasheet HTML 1Page - NXP Semiconductors 74AUP2G132GT Datasheet HTML 2Page - NXP Semiconductors 74AUP2G132GT Datasheet HTML 3Page - NXP Semiconductors 74AUP2G132GT Datasheet HTML 4Page - NXP Semiconductors 74AUP2G132GT Datasheet HTML 5Page - NXP Semiconductors 74AUP2G132GT Datasheet HTML 6Page - NXP Semiconductors 74AUP2G132GT Datasheet HTML 7Page - NXP Semiconductors 74AUP2G132GT Datasheet HTML 8Page - NXP Semiconductors 74AUP2G132GT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74AUP2G132_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 December 2008
2 of 19
NXP Semiconductors
74AUP2G132
Low-power dual 2-input NAND Schmitt trigger
4.
Ordering information
5.
Marking
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP2G132DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74AUP2G132GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74AUP2G132GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74AUP2G132GM
−40 °C to +125 °C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking codes
Type number
Marking code
74AUP2G132DC
aE2
74AUP2G132GT
aE2
74AUP2G132GD
aE2
74AUP2G132GM
aE2
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
001aah880
1A
1B
1Y
2A
2B
2Y
001aah881
&
&
001aac532
Y
B
A


Número de pieza similar - 74AUP2G132GT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2G132GT NEXPERIA-74AUP2G132GT Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
More results

Descripción similar - 74AUP2G132GT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2G132 NEXPERIA-74AUP2G132 Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
logo
NXP Semiconductors
74AUP2G132 PHILIPS-74AUP2G132_15 Datasheet
296Kb / 23P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 7-8 February 2013
74AUP1G132 NXP-74AUP1G132 Datasheet
105Kb / 18P
   Low-power 2-input NAND Schmitt trigger
Rev. 02-15 June 2009
74AUP1G132 PHILIPS-74AUP1G132_15 Datasheet
367Kb / 22P
   Low-power 2-input NAND Schmitt trigger
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G132-Q100 NEXPERIA-74AUP1G132-Q100 Datasheet
238Kb / 14P
   Low-power 2-input NAND Schmitt trigger
Rev. 3 - 14 January 2022
74AUP1G132 NEXPERIA-74AUP1G132 Datasheet
286Kb / 19P
   Low-power 2-input NAND Schmitt trigger
Rev. 8 - 14 January 2022
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
   2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
   2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com